công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0-1462000-1 bảng dữ liệu(PDF) 6 Page - Tyco Electronics |
|
0-1462000-1 bảng dữ liệu(HTML) 6 Page - Tyco Electronics |
6 / 9 page Contact Data Number of contacts and type Contact assembly Contact material Limiting continuous current at max. ambient temperature Maximum switching current Maximum swichting voltage Maximum switching capacity Thermoelectric potential Minimum switching voltage Initial contact resistance / measuring condition: 10 mA / 20 mV Electrical endurance Contact application 0 (30 mV/ 10 mA) Cable load open end Resistive load 150 V / 0.2 A - 30 W 24 V / 1.25 A - 30 W Mechanical endurance UL contact ratings 2 changeover contacts Bifurcated contacts Silver-nickel, gold-covered 2 A 2 A 220 Vdc 250 Vac 60 W, 62.5 VA < 10 mV 100 mV < 70 mW min. 5 x 106 operations min. 2.5 x 106 operations min. 2.0 x 105 operations min. 2.0 x 105 operations typ. 108 operations 220 Vdc / 0.24 A - 60 W 125 Vdc / 0.24 A - 30 W 250 Vac / 0.25 A - 62.5 VA 125 Vac / 0.5 A - 62.5 VA 30 Vdc / 2 A - 60 W MT2 Relay Insulation Insulation resistance at 500 Vdc Dielectric test voltage (1 min) between coil and contacts between adjacent contact sets between open contacts Surge voltage resistance according to FCC 68 (10 / 160 ms) and IEC (10 / 700 ms) between coil and contacts between adjacent contact sets between open contacts > 109 W 1050 Vrms 750 Vrms 750 Vrms 1500 V 1500 V 1500 V Page 6 (9) 108-98006 Rev. C Max. DC load breaking capacity DC current [A] Contact Data |
Số phần tương tự - 0-1462000-1 |
|
Mô tả tương tự - 0-1462000-1 |