công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D01106 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện D01106
Giải thích chi tiết về linh kiện  Flat Washers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

D01106 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  D01106 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flat Washers
Page <1>
20/09/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2011.
Features:
• DIN 125 A Form A steel washers
• Standard washer for protection of mating material and spreading
the clamp load
• Bright zinc plated
Specification Table
Description
Thread
External Diameter Internal Diameter
Part Number
Washer, Form A, BZP, M2
M2
5
2.2
D01098
Washer, Form A, BZP, M2.5
M2.5
-
-
D01099
Washer, Form A, BZP, M3
M3
7
3.5
D01100
Washer, Form A,BZP, M3.5
M3.5
-
-
D01101
Washer, Form A, BZP, M4
M4
9
4.3
D01102
Washer, Form A, BZP, M5
M5
10
5.3
D01103
Washer, Form A, BZP, M6
M6
-
-
D01104
Washer, Form A, BZP, M8
M8
16
8.2
D01105
Washer, Form A, BZP, M10
M10
20
10.5
D01106
Dimensions : Millimetres


Số phần tương tự - D01106

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Newhaven Display Intern...
D0111LT-33-1101 NEWHAVEN-D0111LT-33-1101 Datasheet
982Kb / 6P
   Vacuum Fluorescent Display Specification
logo
Tyco Electronics
D01127-000 MACOM-D01127-000 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
logo
List of Unclassifed Man...
D01131 ETC2-D01131 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01132 ETC2-D01132 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01133 ETC2-D01133 Datasheet
114Kb / 1P
   Single Coil Spring Washers
More results

Mô tả tương tự - D01106

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
3131 ETC2-3131 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
WASHERS ETC2-WASHERS Datasheet
68Kb / 1P
   WASHERS
NAS1149 ETC2-NAS1149 Datasheet
868Kb / 2P
   Washers Aircraft
481-0685 ETC2-481-0685 Datasheet
184Kb / 2P
   Star Washers
3241 ETC2-3241 Datasheet
92Kb / 2P
   WASHERS AND NUTS
561-04032 ETC2-561-04032 Datasheet
79Kb / 2P
   Nylon Retaining Washers
D01140 ETC2-D01140 Datasheet
114Kb / 1P
   Single Coil Spring Washers
logo
Heyco.
1970 HEYCO-1970 Datasheet
94Kb / 1P
   Heyco® Foam Washers
logo
List of Unclassifed Man...
D01143 ETC2-D01143 Datasheet
113Kb / 1P
   Single Coil Spring Washers
logo
Heyco.
G6000 HEYCO-G6000 Datasheet
90Kb / 1P
   Heyco® Retaining Sealing Washers
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com