công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCS04020D4641DPWE bảng dữ liệu(PDF) 11 Page - Vishay Siliconix

tên linh kiện MCS04020D4641DPWE
Giải thích chi tiết về linh kiện  Professional Thin Film Chip Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS04020D4641DPWE bảng dữ liệu(HTML) 11 Page - Vishay Siliconix

Back Button MCS04020D4641DPWE Datasheet HTML 4Page - Vishay Siliconix MCS04020D4641DPWE Datasheet HTML 5Page - Vishay Siliconix MCS04020D4641DPWE Datasheet HTML 6Page - Vishay Siliconix MCS04020D4641DPWE Datasheet HTML 7Page - Vishay Siliconix MCS04020D4641DPWE Datasheet HTML 8Page - Vishay Siliconix MCS04020D4641DPWE Datasheet HTML 9Page - Vishay Siliconix MCS04020D4641DPWE Datasheet HTML 10Page - Vishay Siliconix MCS04020D4641DPWE Datasheet HTML 11Page - Vishay Siliconix MCS04020D4641DPWE Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
11
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit numeric code starting with
2312.
• The subsequent 4 digits indicated the resistor type,
specification and packaging; see the 12NC table.
• The remaining 4 digits indicated the resistance value:
- The first 3 digits indicated the resistance value.
- The last digit indicated the resistance decade in
accordance with the last digit of 12NC indicating
resistance decade table.
Last Digit of 12NC Indicating Resistance Decade
Historical 12NC example
The 12NC of a MCT 0603 resistor, value 47 k
 and TCR 50
with ± 1 % tolerance, supplied in cardboard tape of
5000 units per reel was: 2312 215 14703.
RESISTANCE DECADE
LAST DIGIT
1
 to 9.99 
8
10
 to 99.9 
9
100
 to 999 
1
1 k
 to 9.99 k
2
10 k
 to 99.9 k
3
100 k
 to 999 k
4
1 M
 to 9.99 M
5
10 M
 to 99.9 M
6
HISTORICAL 12NC - Resistor type and packaging
DESCRIPTION
2312... .....
CARDBOARD TAPE ON REEL
TYPE
TCR
TOL.
P5
(5000 UNITS)
E0
(10 000 UNITS)
PW
(20 000 UNITS)
MCS 0402
± 50 ppm/K
± 1 %
-
275 1....
-
± 0.5 %
-
275 5....
-
± 25 ppm/K
± 0.5 %
-
276 5....
-
Jumper
-
-
275 90001
-
MCT 0603
± 50 ppm/K
± 1 %
215 1....
-
205 1..
± 0.5 %
215 5....
-
205 5....
± 25 ppm/K
± 0.5 %
216 5....
-
206 5....
Jumper
-
215 90001
-
205 90001
MCU 0805
± 50 ppm/K
± 0.5 %
255 5....
-
245 5....
± 25 ppm/K
± 0.5 %
256 5....
-
246 5....
Jumper
-
255 90001
-
245 90001


Số phần tương tự - MCS04020D4641DPWE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCS04020D4641DPW VISHAY-MCS04020D4641DPW Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020D4641DPW VISHAY-MCS04020D4641DPW Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results

Mô tả tương tự - MCS04020D4641DPWE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C4700FE000 VISHAY-MCS04020C4700FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C3320FE000 VISHAY-MCS04020C3320FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com