công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SK1544 bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor

tên linh kiện 2SK1544
Giải thích chi tiết về linh kiện  DC?묭C Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1544 bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor

  2SK1544 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 5Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK1544
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±100
nA
Drain cut−off current
IDSS
VDS = 500 V, VGS = 0 V
300
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 13 A
0.15
0.20
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 13 A
10
21
S
Input capacitance
Ciss
3700
Reverse transfer capacitance
Crss
400
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
920
pF
Rise time
tr
185
Turn−on time
ton
240
Fall time
tf
250
Switching time
Turn−off time
toff
590
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
150
Gate−source charge
Qgs
70
Gate−drain (“miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 25 A
80
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
25
A
Pulse drain reverse current
(Note 1)
IDRP
100
A
Forward voltage (diode)
VDSF
IDR = 25 A, VGS = 0 V
−1.6
V
Reverse recovery time
trr
780
ns
Reverse recovered charge
Qrr
IDR = 25 A, VGS = 0 V
dIDR / dt = 100 A / μs
9.8
μC
Marking
Note 2: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
2SK1544
TOSHIBA
JAPAN
Lot No.
Note 2
Part No. (or abbreviation code)


Số phần tương tự - 2SK1544

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
570Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
2SK1544 TOSHIBA-2SK1544 Datasheet
756Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK1544 ISC-2SK1544 Datasheet
67Kb / 2P
   Drain Current ?밒D=25A@ TC=25C
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK1544 TOSHIBA-2SK1544_06 Datasheet
756Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
More results

Mô tả tương tự - 2SK1544

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
2SK2717F TOSHIBA-2SK2717F Datasheet
494Kb / 6P
   DC?묭C Converter and Motor Drive Applications
2SJ681Q TOSHIBA-2SJ681Q Datasheet
187Kb / 6P
   Relay Drive, DC?묭C Converter and Motor Drive Applications
2SK2662T TOSHIBA-2SK2662T Datasheet
557Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SJ349FT TOSHIBA-2SJ349FT Datasheet
400Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2615TE12LF TOSHIBA-2SK2615TE12LF Datasheet
394Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2545T TOSHIBA-2SK2545T Datasheet
439Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2417F TOSHIBA-2SK2417F Datasheet
409Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2611T TOSHIBA-2SK2611T Datasheet
414Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com