công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5232BRUZ10-REEL7 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD5232BRUZ10-REEL7
Giải thích chi tiết về linh kiện  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5232BRUZ10-REEL7 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD5232BRUZ10-REEL7 Datasheet HTML 4Page - Analog Devices AD5232BRUZ10-REEL7 Datasheet HTML 5Page - Analog Devices AD5232BRUZ10-REEL7 Datasheet HTML 6Page - Analog Devices AD5232BRUZ10-REEL7 Datasheet HTML 7Page - Analog Devices AD5232BRUZ10-REEL7 Datasheet HTML 8Page - Analog Devices AD5232BRUZ10-REEL7 Datasheet HTML 9Page - Analog Devices AD5232BRUZ10-REEL7 Datasheet HTML 10Page - Analog Devices AD5232BRUZ10-REEL7 Datasheet HTML 11Page - Analog Devices AD5232BRUZ10-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5232
Data Sheet
Rev. C | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
SDI
SDO
GND
W1
A1
VSS
CLK
B1
16
15
14
13
12
11
10
9
CS
PR
WP
W2
B2
A2
VDD
RDY
AD5232
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
CLK
Serial Input Register Clock. Shifts in one bit at a time on positive clock edges.
2
SDI
Serial Data Input. The MSB is loaded first.
3
SDO
Serial Data Output. This open-drain output requires an external pull-up resistor. Command Instruction 9 and Command
Instruction 10 activate the SDO output (see Table 8). Other commands shift out the previously loaded SDI bit pattern
delayed by 16 clock pulses, allowing daisy-chain operation of multiple packages.
4
GND
Ground, Logic Ground Reference.
5
VSS
Negative Power Supply. Connect to 0 V for single-supply applications.
6
A1
Terminal A of RDAC1.
7
W1
Wiper Terminal W of RDAC1, ADDR (RDAC1) = 0x0.
8
B1
Terminal B of RDAC1.
9
B2
Terminal B of RDAC2.
10
W2
Wiper Terminal W of RDAC2, ADDR (RDAC2) = 0x1.
11
A2
Terminal A of RDAC2.
12
VDD
Positive Power Supply.
13
WP
Write Protect. When active low, WP prevents any changes to the present register contents, except PR, Command
Instruction 1, and Command Instruction 8, which refresh the RDACx register from EEMEM. Execute an NOP instruction
(Command Instruction 0) before returning WP to logic high.
14
PR
Hardware Override Preset. Refreshes the scratch pad register with current contents of the EEMEMx register. Factory
default loads Midscale 0x80 until EEMEMx is loaded with a new value by the user (PR is activated at the logic high
transition).
15
CS
Serial Register Chip Select, Active Low. Serial register operation takes place when CS returns to logic high.
16
RDY
Ready. This active-high, open-drain output requires a pull-up resistor. Identifies completion of Command Instruction 2,
Command Instruction 3, Command Instruction 8, Command Instruction 9, Command Instruction 10, and PR.


Số phần tương tự - AD5232BRUZ10-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results

Mô tả tương tự - AD5232BRUZ10-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com