công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3330ART-2.75 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADP3330ART-2.75
Giải thích chi tiết về linh kiện  High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3330ART-2.75 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADP3330ART-2.75 Datasheet HTML 1Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 2Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 3Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 4Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 5Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 6Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 7Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 8Page - Analog Devices ADP3330ART-2.75 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADP3330
–4–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3330 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
Input Supply Voltage . . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . Internally Limited
Operating Ambient Temperature Range . . . . . –40
°C to +85°C
Operating Junction Temperature Range . . . . –40
°C to +125°C
θ
JA (4-Layer Board)
. . . . . . . . . . . . . . . . . . . . . . . +165
°C/W
θJA (2-Layer Board) . . . . . . . . . . . . . . . . . . . . . . . +190°C/W
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
ORDERING GUIDE
Voltage
Package
Marking
Model
Output
Option*
Code
ADP3330ART-2.5
2.5 V
RT-6 (SOT-23-6)
L1B
ADP3330ART-2.75 2.75 V
RT-6 (SOT-23-6)
L2B
ADP3330ART-2.85 2.85 V
RT-6 (SOT-23-6)
L3B
ADP3330ART-3
3.0 V
RT-6 (SOT-23-6)
L4B
ADP3330ART-3.3
3.3 V
RT-6 (SOT-23-6)
L5B
ADP3330ART-3.6
3.6 V
RT-6 (SOT-23-6)
L6B
ADP3330ART-5
5.0 V
RT-6 (SOT-23-6)
L8B
*Contact the factory for the availability of other output voltage options.
PIN FUNCTION DESCRIPTIONS
Pin
Name
Function
1
OUT
Output of the Regulator. Bypass to ground
with a 0.47
µF or larger capacitor.
2
IN
Regulator Input.
3
ERR
Open Collector Output that goes low to
indicate that the output is about to go out
of regulation.
4
GND
Ground Pin.
5
NR
Noise Reduction Pin. Used for further
reduction of output noise (see text for
detail). No connection if not used.
6
SD
Active Low Shutdown Pin. Connect to
ground to disable the regulator output.
When shutdown is not used, this pin
should be connected to the input pin.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
GND
NR
SD
ERR
IN
OUT
ADP3330
WARNING!
ESD SENSITIVE DEVICE


Số phần tương tự - ADP3330ART-2.75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3330ART-2.75 AD-ADP3330ART-2.75 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-2.75 AD-ADP3330ART-2.75 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-2.75 AD-ADP3330ART-2.75 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results

Mô tả tương tự - ADP3330ART-2.75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-3.6 AD-ADP3330ART-3.6 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ARTZ-2.5-R7 AD-ADP3330ARTZ-2.5-R7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-5-RL7 AD-ADP3330ARTZ-5-RL7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3331 AD-ADP3331 Datasheet
135Kb / 8P
   Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. 0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com