công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33897TEF/R2 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33897TEF/R2
Giải thích chi tiết về linh kiện  Single Wire CAN Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33897TEF/R2 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33897TEF/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33897TEF/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33897TEF/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33897TEF/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33897TEF/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33897TEF/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33897TEF/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33897TEF/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33897TEF/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33897
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions of -40
°C ≤ T
A ≤ 125 °C, unless otherwise stated. Voltages are relative to GND unless
otherwise noted. All positive currents are into the pin. All negative currents are out of the pin.
Characteristic
Symbol
Min
Typ
Max
Unit
BUS
Normal Speed Rising Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 μs ≤ Load Time Constants ≤ 4.0 μs
Measured from TXD = VIL to VBUS as follows:
Max Time to VBUSMOD = 3.7 V, 6.0 V ≤ VBATT ≤ 26.5 V
(10)
Min Time to VBUSMOD = 1.0 V, 6.0 V ≤ VBATT ≤ 26.5 V
(10)
Max Time to VBUSMOD = 2.7 V, VBATT = 5.0 V
(10)
Min Time to VBUSMOD = 1.0 V, VBATT = 5.0 V
(10)
tDLYNORMRO
2.0
6.3
μs
Normal Speed Falling Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 μs ≤ Load Time Constants ≤ 4.0 μs
Measured from TXD = VIH to VBUS as follows:
Max Time to VBUSMOD = 1.0 V, 6.0 V ≤ VBATT ≤ 26.5 V
(10)
Min Time to VBUSMOD = 3.7 V, 6.0 V ≤ VBATT ≤ 26.5 V
(10)
Max Time to VBUSMOD = 1.0 V, VBATT = 5.0 V
(10)
Min Time to VBUSMOD = 2.7 V, VBATT = 5.0 V
(10)
tDLYNORMFO
1.8
8.5
μs
High Speed Rising Output Delay
75
Ω ≤ R
L ≤ 135 Ω, 0.0 μs ≤ Load Time Constants ≤ 1.5 μs,
8.0 V
≤ V
BATT ≤ 16 V
Measured from TXD = VIL to VBUS as follows:
Max Time to VBUS = 3.7 V
(11)
Min Time to VBUS = 1.0 V
(11)
tDLYHSRO
0.1
1.7
μs
High Speed Falling Output Delay
75
Ω ≤ R
L ≤ 135 Ω, 0.0 μs ≤ Load Time Constants ≤ 1.5 μs,
8.0 V
≤ V
BATT ≤ 16 V
Measured from TXD = VIH to VBUS as follows:
Max Time to VBUS = 1.0 V
(11)
Min Time to VBUS = 3.7 V
(11)
tDLYHSFO
0.04
3.0
μs
Notes
10.
VBUSMOD is the voltage at the BUSMOD node in Figure 6, page 13.
11.
VBUS is the voltage at the BUS pin in Figure 7, page 14.


Số phần tương tự - MCZ33897TEF/R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33897TEF/R2 FREESCALE-MCZ33897TEF/R2 Datasheet
770Kb / 21P
   Single Wire CAN Transceiver
MCZ33897TEF/R2 FREESCALE-MCZ33897TEF/R2 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
More results

Mô tả tương tự - MCZ33897TEF/R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com