công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33592FTA bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC33592FTA
Giải thích chi tiết về linh kiện  PLL Tuned UHF Receiver for Data Transfer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33592FTA bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33592FTA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33592FTA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33592FTA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33592FTA Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33592FTA Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33592FTA Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33592FTA Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33592FTA Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33592FTA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CONFIGURATION REGISTERS
10
MC33592 Technical Data
MOTOROLA
Figure 13 : Reading configuration registers
CONFIGURATION REGISTERS
Table 4 describes the Configuration Register 1 (CR1).
Table 4: Configuration Register 1
- R/W controls the 3 registers access (read or write):
0 = Write CR1, CR2 ,CR3,
1 = Read CR1, CR2, CR3.
- CF defines the Carrier Frequency as shown onTable 5.
Table 5: Carrier Frequency selection
- MOD sets the data Modulation type:
0 = On/Off Keying (OOK) modulation,
1 = Not allowed.
- SOE enables the Strobe Oscillator:
0 = Disabled,
1 = Enabled,
Whatever SOE value has been programmed, a high level on STROBE sets the circuit into run mode.
- SR0/SR1 define the Strobe Ratio (SR) as shown on Table 6. SR is the ratio Sleep time over Run time and
Run time=TStrobe (where TStrobe is the Strobe oscillator period).
Table 6: Strobe Ratio selection
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Bit name
R/W
CF
MOD
SOE
SR1
SR0
DME
HE
Reset value
1
1
0
1
0
1
0
0
CF
Selected Frequency
0
315MHz
1
434MHz
SR1
SR0
Strobe Ratio
00
3
0
1
7
10
15
11
31
MOSI line
Don’t care
Don’t care
Don’t care
1
SCLK line
MCU (master)
ROMEO2
MCU (master)
ROMEO2
MISO line
CR2
CR3
CR1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33592FTA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33592FTA NXP-MC33592FTA Datasheet
628Kb / 28P
   315MHz, 434MHz Bands
2002
More results

Mô tả tương tự - MC33592FTA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
522Kb / 58P
   PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com