công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33592FTAER2 bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC33592FTAER2
Giải thích chi tiết về linh kiện  PLL Tuned UHF Receiver for Data Transfer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33592FTAER2 bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33592FTAER2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33592FTAER2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33592FTAER2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33592FTAER2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33592FTAER2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33592FTAER2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33592FTAER2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33592FTAER2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33592FTAER2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This document contains information on a new product under development. Motorola
reserves the right to change or discontinue this product without notice.
© Motorola, Inc., 2002
FEATURES
• 315MHz, 434MHz Bands
• OOK Demodulation
• Low Current Consumption: 5mA Typ. in Run Mode
• Internal or External Strobing
• Fast Wake-Up Time (1ms)
• -105dBm RF Sensitivity (at 4.8kBd Data Rate)
• Fully Integrated VCO
• Image Cancelling Mixer
• Integrated IF Bandpass Filter at 660kHz
• IF Bandwidth: 300kHz
• ID Byte and Tone Detection
• Data Rate: 1 to 11kBd
• Manchester Coded Data Clock Recovery
• Fully Configurable by SPI Interface
• Few External Components, no RF Adjustment
Figure 1: Simplified block diagram
Table 1: Ordering Information
Device
RF frequency/
IF filter bandwidth
Ambiant
Temperature Range
Package
MC33592FTA
434MHz / 300kHz
-40
°C to +85°C
LQFP24
Pin Connections
1
VCC
2
VCC
3
VCCLNA
4
RFIN
5
GNDLNA
6
GNDSUB
7
8
9
10 11
12
13 DMDAT
14 RESETB
15 MISO
16 MOSI
17 SCLK
18 VCCDIG
19
20
21
22
23
24
Technical Data
Romeo2
MC33592/D
Rev. 0, 7/2002
PLL Tuned UHF
Receiver for Data
Transfer Applications
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33592FTAER2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33592FTA NXP-MC33592FTA Datasheet
628Kb / 28P
   315MHz, 434MHz Bands
2002
More results

Mô tả tương tự - MC33592FTAER2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
522Kb / 58P
   PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com