công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S12DJ128BMFU bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S12DJ128BMFU
Giải thích chi tiết về linh kiện  Device User Guide
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12DJ128BMFU bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9S12DJ128BMFU Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12DJ128BMFU Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12DJ128BMFU Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12DJ128BMFU Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12DJ128BMFU Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12DJ128BMFU Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S12DJ128BMFU Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S12DJ128BMFU Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S12DJ128BMFU Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
MC9S12DT128B Device User Guide — V01.09
Section 7 Clock and Reset Generator (CRG) Block Description . . . . . . . . . 77
7.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .77
7.1.1
XCLKS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .77
Section 8 Enhanced Capture Timer (ECT) Block Description . . . . . . . . . . . . 77
Section 9 Analog to Digital Converter (ATD) Block Description. . . . . . . . . . 77
Section 10 Inter-IC Bus (IIC) Block Description . . . . . . . . . . . . . . . . . . . . . . . 77
Section 11 Serial Communications Interface (SCI) Block Description. . . . . 77
Section 12 Serial Peripheral Interface (SPI) Block Description . . . . . . . . . . 78
Section 13 J1850 (BDLC) Block Description. . . . . . . . . . . . . . . . . . . . . . . . . . 78
Section 14 Byteflight (BF) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . 78
Section 15 Pulse Width Modulator (PWM) Block Description . . . . . . . . . . . . 78
Section 16 Flash EEPROM 128K Block Description . . . . . . . . . . . . . . . . . . . 78
Section 17 EEPROM 2K Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Section 18 RAM Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Section 19 MSCAN Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Section 20 Port Integration Module (PIM) Block Description . . . . . . . . . . . . 79
Section 21 Voltage Regulator (VREG) Block Description . . . . . . . . . . . . . . . 79
Section 22 Printed Circuit Board Layout Proposal . . . . . . . . . . . . . . . . . . . . 80
Appendix A Electrical Characteristics
A.1
General. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
A.1.1
Parameter Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
A.1.2
Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC9S12DJ128BMFU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC9S12DJ128BMFU MOTOROLA-MC9S12DJ128BMFU Datasheet
641Kb / 124P
   MC9S12DT128B
More results

Mô tả tương tự - MC9S12DJ128BMFU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
logo
NXP Semiconductors
9S12XDP512DGV1 NXP-9S12XDP512DGV1 Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
9S12XDP512DGV2 NXP-9S12XDP512DGV2 Datasheet
1Mb / 176P
   MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
logo
Freescale Semiconductor...
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com