công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS13 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor |
|
SS13 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page SS12-S100, Rev. A1 SS12 - S100 1.0 Ampere Schottky Barrier Rectifiers Absolute Maximum Ratings* T A = 25°C unless otherwise noted *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. **DevicemountedonFR-4PCB0.013mm. Electrical Characteristics T A = 25°C unless otherwise noted 2001 Fairchild Semiconductor Corporation Features • Glass passivated junctions. • High current capability, low V F. • For use in low voltage, high frequency inverters free wheeling, and polarity protection applications. SMA/DO-214AC COLOR BAND DENOTES CATHODE Symbol Parameter Value Units IF(AV) Average Rectified Current .375 " lead length @ TA = 75 °C 1.0 A IFSM Non-repetitive Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) 40 A PD Total Device Dissipation Derate above 25 °C 1.1 11 W mW/ °C RθJA Thermal Resistance, Junction to Ambient ** 88 °C/W Tstg Storage Temperature Range -65 to +150 °C TJ Operating Junction Temperature -65 to +125 °C Symbol Parameter Device Units 12 13 14 15 16 18 19 100 VRRM Maximum Repetitive Reverse Voltage 20 30 40 50 60 80 90 100 V VRMS Maximum RMS Voltage 14 21 28 35 42 56 64 71 V VR DC Reverse Voltage (Rated VR) 20 30 40 50 60 80 90 100 V IRM Maximum Instantaneous Reverse Current TA = 25 °C (Note 1) @ rated VR TA = 100 °C 0.2 10 mA mA VFM Maximum Instantaneous Forward Voltage @ 1.0 A 500 700 850 mV Note: Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0% |
Số phần tương tự - SS13 |
|
Mô tả tương tự - SS13 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |