công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS13 bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện SS13
Giải thích chi tiết về linh kiện  1.0 Ampere Schottky Barrier Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS13 bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  SS13 Datasheet HTML 1Page - Fairchild Semiconductor SS13 Datasheet HTML 2Page - Fairchild Semiconductor SS13 Datasheet HTML 3Page - Fairchild Semiconductor SS13 Datasheet HTML 4Page - Fairchild Semiconductor SS13 Datasheet HTML 5Page - Fairchild Semiconductor SS13 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
July 2000, Rev. A
DO-214AC(SMA) Tape and Reel Data, continued
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
DO-214AC(SMA)
(12mm)
2.72
+/-0.10
5.25
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.125
+/-0.125
1.75
+/-0.10
10.25
min
5.5
+/-0.05
4.0
+/-0.1
4.0
+/-0.1
2.45
+/-0.10
0.23
+/-0.10
9.3
+/-0.025
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
12mm
Dia
13"
13.0
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
1.97
50 min
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
See detail AA
Dim A
max
13" Diameter Option
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
DO-214AC(SMA) Embossed Carrier Tape
Configuration: Figure 3.0
DO-214AC(SMA) Reel Configuration:
Figure 4.0


Số phần tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
SS13 PANJIT-SS13 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS13 DGNJDZ-SS13 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS13 VISHAY-SS13 Datasheet
81Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 18-Apr-11
logo
Formosa MS
SS13 FORMOSA-SS13 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SS13 TSC-SS13 Datasheet
59Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results

Mô tả tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
1N5817 FAIRCHILD-1N5817 Datasheet
36Kb / 2P
   1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
MBRS130L FAIRCHILD-MBRS130L Datasheet
37Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
MBR0540 FAIRCHILD-MBR0540 Datasheet
180Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com