công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS13 bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện SS13
Giải thích chi tiết về linh kiện  1.0 Ampere Schottky Barrier Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS13 bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  SS13 Datasheet HTML 1Page - Fairchild Semiconductor SS13 Datasheet HTML 2Page - Fairchild Semiconductor SS13 Datasheet HTML 3Page - Fairchild Semiconductor SS13 Datasheet HTML 4Page - Fairchild Semiconductor SS13 Datasheet HTML 5Page - Fairchild Semiconductor SS13 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DO-214AC(SMA) Tape and Reel Data
July 2000, Rev. A
©2000 Fairchild Semiconductor International
DO-214AC(SMA) Packaging
Configuration: Figure 1.0
Components
DO-214AC(SMA) Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Cathode
Human
Readable
/Barcode
Label
Antistatic Cover Tape
Embossed Carrier Tape
Leader Tape
390mm minim m
Trailer Tape
160mm minim m or
Human Readable Label sample
336mm x 336mm x 38mm
Intermediate container for 13" reel option
Human
Readable/Barcode
Label (on top)
F63TNR Label sample
DO-214AC(SMA) Packaging Information
Note/Comments
Packaging Option
Packaging type
Reel Size (inch diameter)
Qty per Reel/Tube/Bag
Box Dimension (mm)
Max qty per Box
Weight per unit (gm)
Weight per Reel (kg)
Human readable label
Under package
code P5
TNR
13
7,500
336X336X38
15,000
0.064
0.860
Barcode label
Under package
code MA
TNR
13
5,000
340X350X340
10,000
0.064
0.750
Human readable/barcode Label
LOT: CBVK741B019
FSID: FMKA140
D/C1: T0012
QTY1:
SPEC REV:
SPEC:
QTY: 7500
D/C2:
QTY2:
CPN:
FAIRCHILD SEMICONDUCTOR INTERNATIONAL
(F63TNR)3.2
Packaging Description:
DO-214AC(SMA) parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. Alternate carrier tape is made of anti-
static plastic. The cover tape is a multilayer film (Heat
Activated Adhesive in nature) primarily composed of
polyester film, adhesive layer, sealant, and anti-static
sprayed agent. These reeled parts in standard option are
shipped with 7,500 units per 13" or 330cm diameter reel.
The reel comes in plastic or carton which is made of
polystyrene plastic (anti-static coated) and thick white
paper respectively. Further information is described in the
Packaging Information table.
These full reels are individually labeled and placed inside
a bleach box (illustrated in figure 1.0) made of recyclable
carton paper with a Fairchild logo printing. One box
contains two reels maximum. Certain number of these
boxes are placed inside shipping box which comes in
different sizes depending on the number of parts shipped.
DO-214AC(SMA) unit orientation
CAUTION: This container provides protection for static sensitive devices. Handle devices with caution upon removal.
MADE IN ONE OR MORE OF THE FOLLOWING COUNTRIES: PHILIPPINES (MACTAN,
EXPORT PROCESSING ZONE), MALAYSIA, CHINA, S. KOREA, TAIWAN, THAILAND,
SINGAPORE AND JAPAN.
ANTI-STATIC
FMKA140
I.D.
Qty
D/C
Lot
T0012
CBVK741B019
7500


Số phần tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SS13 VISHAY-SS13 Datasheet
81Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 18-Apr-11
logo
Pan Jit International I...
SS13 PANJIT-SS13 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS13 DGNJDZ-SS13 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SS13 FORMOSA-SS13 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SS13 TSC-SS13 Datasheet
59Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results

Mô tả tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
1N5817 FAIRCHILD-1N5817 Datasheet
36Kb / 2P
   1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
MBRS130L FAIRCHILD-MBRS130L Datasheet
37Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
MBR0540 FAIRCHILD-MBR0540 Datasheet
180Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com