công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL072BCPE4 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL072BCPE4
Giải thích chi tiết về linh kiện  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL072BCPE4 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TL072BCPE4 Datasheet HTML 6Page - Texas Instruments TL072BCPE4 Datasheet HTML 7Page - Texas Instruments TL072BCPE4 Datasheet HTML 8Page - Texas Instruments TL072BCPE4 Datasheet HTML 9Page - Texas Instruments TL072BCPE4 Datasheet HTML 10Page - Texas Instruments TL072BCPE4 Datasheet HTML 11Page - Texas Instruments TL072BCPE4 Datasheet HTML 12Page - Texas Instruments TL072BCPE4 Datasheet HTML 13Page - Texas Instruments TL072BCPE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IIB
Input bias current
vs Free-air temperature
4
vs Frequency
5, 6, 7
V
Maximum output voltage
vs Frequency
vs Free-air temperature
5, 6, 7
8
VOM
Maximum output voltage
vs Free air temperature
vs Load resistance
8
9
vs Load resistance
vs Supply voltage
9
10
A
Large signal differential voltage amplification
vs Free-air temperature
11
AVD
Large-signal differential voltage amplification
vs Free air temperature
vs Frequency
11
12
Phase shift
vs Frequency
12
Normalized unity-gain bandwidth
vs Free-air temperature
13
Normalized phase shift
vs Free-air temperature
13
CMRR
Common-mode rejection ratio
vs Free-air temperature
14
I
Supply current
vs Supply voltage
15
ICC
Supply current
vs Supply voltage
vs Free-air temperature
15
16
PD
Total power dissipation
vs Free-air temperature
17
Normalized slew rate
vs Free-air temperature
18
Vn
Equivalent input noise voltage
vs Frequency
19
THD
Total harmonic distortion
vs Frequency
20
Large-signal pulse response
vs Time
21
VO
Output voltage
vs Elapsed time
22


Số phần tương tự - TL072BCPE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL072BCPE4 TI-TL072BCPE4 Datasheet
903Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072BCPE4 TI-TL072BCPE4 Datasheet
5Mb / 84P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
TL072BCPE4 TI-TL072BCPE4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072BCPE4 TI-TL072BCPE4 Datasheet
5Mb / 88P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
TL072BCPE4 TI-TL072BCPE4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Mô tả tương tự - TL072BCPE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_16 Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI-TL071_96 Datasheet
220Kb / 14P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_07 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com