công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM158AWGRQMLV bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM158AWGRQMLV
Giải thích chi tiết về linh kiện  LM158QML Low Power Dual Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM158AWGRQMLV bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM158AWGRQMLV Datasheet HTML 1Page - Texas Instruments LM158AWGRQMLV Datasheet HTML 2Page - Texas Instruments LM158AWGRQMLV Datasheet HTML 3Page - Texas Instruments LM158AWGRQMLV Datasheet HTML 4Page - Texas Instruments LM158AWGRQMLV Datasheet HTML 5Page - Texas Instruments LM158AWGRQMLV Datasheet HTML 6Page - Texas Instruments LM158AWGRQMLV Datasheet HTML 7Page - Texas Instruments LM158AWGRQMLV Datasheet HTML 8Page - Texas Instruments LM158AWGRQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM158QML
www.ti.com
SNOSAP3F – JULY 2005 – REVISED MARCH 2013
LM158QML Low Power Dual Operational Amplifiers
Check for Samples: LM158QML
ADVANTAGES
1
FEATURES
Two Internally Compensated Op Amps
2
Available with Radiation Specification
Eliminates Need for Dual Supplies
High Dose Rate 100 krad(Si)
Allows Direct Sensing Near Gnd and VO also
ELDRS Free 100 krad(Si)
Goes to Gnd
Internally Frequency Compensated for Unity
Compatible with all Forms of Logic
Gain
Power Drain Suitable for Battery Operation
Large DC Voltage Gain:
100 dB
Wide Bandwidth (Unity Gain):
1 MH
DESCRIPTION
z(Temperature Compensated)
The LM158 series consists of two independent, high
Wide Power Supply Range:
gain, internally frequency compensated operational
amplifiers which were designed specifically to operate
Single Supply:
3V to 32V
from a single power supply over a wide range of
Or Dual Supplies:
±1.5V to ±16V
voltages. Operation from split power supplies is also
Very Low Supply Current Drain (500
μA) −
possible and the low power supply current drain is
independent of the magnitude of the power supply
Essentially Independent of Supply Voltage
voltage.
Low Input Offset Voltage:
2 mV
Application areas include transducer amplifiers, dc
Input Common-mode Voltage Range Includes
gain blocks and all the conventional op amp circuits
Ground
which now can be more easily implemented in single
Differential Input Voltage Range Equal to the
power supply systems. For example, the LM158
Power Supply Voltage
series can be directly operated off of the standard
Large Output Voltage Swing:
0V to V+
− 1.5V
+5V power supply voltage which is used in digital
systems and will easily provide the required interface
UNIQUE CHARACTERISTICS
electronics without requiring the additional ±15V
power supplies.
In the Linear Mode the Input Common-Mode
Voltage Range Includes Ground and the Output
Voltage can also Swing to Ground, even though
Operated from only a Single Power Supply
Voltage.
The Unity Gain Cross Frequency is Temperature
Compensated.
The Input Bias Current is also Temperature
Compensated.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM158AWGRQMLV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM158AWGRQMLV TI1-LM158AWGRQMLV Datasheet
404Kb / 28P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
LM158AWGRQMLV TI1-LM158AWGRQMLV Datasheet
968Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
LM158AWGRQMLV TI1-LM158AWGRQMLV Datasheet
1,004Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
More results

Mô tả tương tự - LM158AWGRQMLV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM158QML TI1-LM158QML Datasheet
404Kb / 28P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
5962R8771003VPA TI1-5962R8771003VPA Datasheet
968Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com