công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM158AMDE bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM158AMDE
Giải thích chi tiết về linh kiện  LM158QML Low Power Dual Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM158AMDE bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM158AMDE Datasheet HTML 1Page - Texas Instruments LM158AMDE Datasheet HTML 2Page - Texas Instruments LM158AMDE Datasheet HTML 3Page - Texas Instruments LM158AMDE Datasheet HTML 4Page - Texas Instruments LM158AMDE Datasheet HTML 5Page - Texas Instruments LM158AMDE Datasheet HTML 6Page - Texas Instruments LM158AMDE Datasheet HTML 7Page - Texas Instruments LM158AMDE Datasheet HTML 8Page - Texas Instruments LM158AMDE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM158QML
www.ti.com
SNOSAP3F – JULY 2005 – REVISED MARCH 2013
LM158 Electrical Characteristics
SMD 5962–8771001 DC Parameters
The following conditions apply, unless otherwise specified.
All voltages referenced to device ground.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
ICC
Power Supply Current
+VCC = 5V, RL = 100K,
1.2
mA
1, 2, 3
VO = 1.4V
+VCC = 30V, RL = 100K,
3.0
mA
1
VO = 1.4V
4.0
mA
2, 3
VOH
Output Voltage High
+VCC = 30V, RL = 2KΩ
26
V
1, 2, 3
+VCC = 30V, RL = 10KΩ
27
V
1, 2, 3
VOL
Output Voltage Low
+VCC = 30V, RL = 10KΩ
20
mV
1, 2, 3
+VCC = 30V, ISink = 1µA
20
mV
1, 2, 3
+VCC = 5V, RL = 10KΩ
20
mV
1, 2, 3
ISink
Output Sink Current
+VCC = 15V, VO = 200mV,
12
µA
1
+VI = 0V, -VI = +65mV
+VCC = 15V, VO = 2V,
10
mA
1
+VI = 0V, -VI = +65mV
5.0
mA
2, 3
ISource
Output Source Current
+VCC = 15V, VO = 2V,
-20
mA
1
+VI = 0V, -VI = -65mV
-10
mA
2, 3
IOS
Short Circuit Current
+VCC = 5V, VO = 0V
-60
mA
1
VIO
Input Offset Voltage
+VCC = 30V, VCM = 0V,
-5.0
5.0
mV
1
RS = 50Ω, VO = 1.4V
-7.0
7.0
mV
2, 3
+VCC = 30V, VCM = 28.5V,
-5.0
5.0
mV
1
RS = 50Ω, VO = 1.4V
+VCC = 30V, VCM = 28V,
-7.0
7.0
mV
2, 3
RS = 50Ω, VO = 1.4V
+VCC = 5V, VCM = 0V,
-5.0
5.0
mV
1
RS = 50Ω, VO = 1.4V
-7.0
7.0
mV
2, 3
CMRR
Common Mode Rejection Ratio
+VCC = 30V, RS = 50Ω
70
dB
1
VI = 0V to 28.5V,
±IIB
Input BIas Current
+VCC = 5V, VCM = 0V
See(1)
-150
-1.0
nA
1
See(1)
-300
-1.0
nA
2, 3
IIO
Input Offset Current
+VCC = 5V, VCM = 0V
-30
30
nA
1
-100
100
nA
2, 3
PSRR
Power Supply Rejection Ratio
+VCC = 5V to 30V,
65
dB
1
VCM = 0V
VCM
Common Mode Voltage Range
+VCC = 30V
See(2), (3)
28.5
V
1
See(2), (3)
28.0
V
2, 3
VDiff
Differential Input Voltage
See(4)
32
V
1, 2, 3
AVS
Large Signal Gain
+VCC = 15V, RL = 2KΩ,
50
V/mV
4
VO = 1V to 11V
25
V/mV
5, 6
(1)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(2)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The
upper end of the common-mode voltage range is V+
−1.5V (at 25°C), but either or both inputs can go to +32V without damage,
independent of the magnitude of V+.
(3)
Specified by input offset voltage.
(4)
Specified parameter not tested.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM158QML


Số phần tương tự - LM158AMDE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM158AMDE TI1-LM158AMDE Datasheet
404Kb / 28P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
LM158AMDE TI1-LM158AMDE Datasheet
962Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
LM158AMDE TI1-LM158AMDE Datasheet
1,012Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
LM158AMDE TI1-LM158AMDE Datasheet
1,004Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
More results

Mô tả tương tự - LM158AMDE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM158QML TI1-LM158QML Datasheet
404Kb / 28P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
5962R8771003VXA TI1-5962R8771003VXA Datasheet
962Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com