công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL1021B300 bảng dữ liệu(PDF) 5 Page - Littelfuse |
|
SL1021B300 bảng dữ liệu(HTML) 5 Page - Littelfuse |
5 / 5 page ©2009 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 23 Revised: November 10, 2009 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. SL1021A/B, SL1024A/B and PMT8 Series SL1021A/B, SL1024A/B and PMT8 Series Packaging Part Numbering System and Ordering Information PMT8 xxx x x Breakdown Voltage 090 = 90V 230 = 230V 250 = 250V 350 = 350V 400 = 400V Breakdown Voltage 090 = 90V 145 = 145V 150 = 150V 200 = 200V 230 = 230V 250 = 250V 260 = 260V 300 = 300V 350 = 350V 400 = 400V 420 = 420V 450 = 450V 500 = 500V 600 = 600V Series PMT8 Configuration Code Option Code Blank = No Failsafe F = With Failsafe SL102x x xxx x x Series SL1021 SL1024 Surge Capability A = 10kA B = 20kA Configuration Code (See Device Dimensions section) (See Device Dimensions section) C R P 01 04 05 06 Y S X 10 14 60 Blank = No failsafe F or G = With Failsafe Option Code Device Type Description Quantity Type 01 / C 100pcs/tray x 5 trays per carton 500 Type 04 / R 100pcs/tray x 5 trays per carton 500 Type 05 / P 100pcs/tray x 5 trays per carton 500 Type 06 / Y 100pcs/tray x 5 trays per carton 500 Type 14 / X 50pcs/tray x 5 trays per carton 250 Type 60 500pcs/reel* x 10 reels per carton 5000 * For tape and reel specifications, please contact factory. |
Số phần tương tự - SL1021B300 |
|
Mô tả tương tự - SL1021B300 |