công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD01D0515A bảng dữ liệu(PDF) 2 Page - Delta Electronics, Inc. |
|
PD01D0515A bảng dữ liệu(HTML) 2 Page - Delta Electronics, Inc. |
2 / 4 page DS_PD01S/D_03152012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc Input Characteristics Parameter Model Min. Typ. Max. Unit 5V Input Models 4.5 5 5.5 12V Input Models 10.8 12 13.2 Input Voltage Range 24V Input Models 21.6 24 26.4 5V Input Models -0.7 --- 9 12V Input Models -0.7 --- 18 Input Surge Voltage (1 sec. max.) 24V Input Models -0.7 --- 30 VDC Reverse Polarity Input Current --- --- 0.3 A Input Filter Internal Capacitor Internal Power Dissipation All Models --- --- 450 mW Output Characteristics Parameter Conditions Min. Typ. Max. Unit Output Voltage Accuracy --- ±1.0 ±3.0 % Output Voltage Balance Dual Output, Balanced Loads --- ±0.1 ±1.0 % Line Regulation For Vin Change of 1% --- ±1.2 ±1.5 % Load Regulation Io=20% to 100% See Model Selection Guide Ripple & Noise (20MHz) --- 65 100 mV P-P Ripple & Noise (20MHz) Over Line, Load & Temp. --- --- 150 mV P-P Ripple & Noise (20MHz) --- --- 15 mV rms Temperature Coefficient --- ±0.01 ±0.02 %/ ℃ Short Circuit Protection 0.5 Second Max. General Characteristics Parameter Conditions Min. Typ. Max. Unit I/O Isolation Voltage (rated) 60 Seconds 3000 --- --- VDC I/O Isolation Resistance 500 VDC 10 --- --- GΩ I/O Isolation Capacitance 100KHz, 1V --- 60 100 pF Switching Frequency 70 100 120 KHz MTBF (calculated) MIL-HDBK-217F@25 ℃, Ground Benign 2,000,000 ----- ----- Hours Recommended Outside Input Fuse 5V Input Models 12V Input Models 24V Input Models 500mA Slow-Blow Type 200mA Slow-Blow Type 100mA Slow-Blow Type Environmental Specifications Parameter Conditions Min. Max. Unit Operating Temperature Range (with Derating) Ambient -40 +85 ℃ Case Temperature --- +90 ℃ Storage Temperature Range -50 +125 ℃ Humidity (non condensing) --- 95 % rel. H Cooling Free-Air convection Lead Temperature (1.5mm from case for 10Sec.) --- 260 ℃ P2 |
Số phần tương tự - PD01D0515A |
|
Mô tả tương tự - PD01D0515A |