công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1NT91-6 bảng dữ liệu(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
1NT91-6 bảng dữ liệu(HTML) 2 Page - Honeywell Solid State Electronics Center |
2 / 9 page Manual Switches NT Series Sealed Toggle Switches 108 Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada FEATURES Completely sealed switching chamber Step-design case provides added space between terminals to help prevent shorting 1, 2 or 4-pole circuitry Standard and pull to unlock levers. 2 or 3 positions, maintained and momentary action Spring-loaded actuating mechanism provides excellent tactile feedback High impact strength, non-tracking case enhances electrical stability Temperature range: –40 to 71°C (–40 to 160°F) UL recognized, File E12252, Vol. 1, Section 44 CSA certified, File LR4442 CE approved GENERAL INFORMATION MICRO SWITCH NT Series toggle switch- es meet severe environment application needs for a rugged, cost-effective toggle switch. Quality construction features in- clude a molded-in elastomer seal be- tween the toggle lever and bushing, and between the cover and case. In addition, the terminal inserts are molded into the high impact strength thermoplastic case. Complete sealing of the switching cham- ber enables NT toggles to comply with UL 508, paragraph 13.3 hosedown test. These switches can be used where pan- els are subjected to periodic splash and washdowns, such as are common to food and beverage equipment. They will also withstand exposure to heavy accumula- tions of early morning dew that may con- dense on the control panel in cabs of vehicles left outdoors overnight. PULL-TO-UNLOCK LEVERS Pull-to-unlock toggle levers prevent acci- dental toggle movement. The knobbed toggle lever must be pulled out approxi- mately .09 in. (2,3 mm) to change posi- tions. Thirteen different locking configu- rations are available. This lever style also has a non-glare matte nickel finish. CONSTRUCTION UL AND CSA ELECTRICAL RATINGS Rating Code* Electrical Rating L192 10 amps, 125, 250, 277 VAC; 1⁄4 Hp, 125 VAC; 1⁄2 Hp, 250, 277 VAC; 3 amps, 125 VAC ‘‘L’’ L191 15 amps, 125, 250, 277 VAC; 1⁄2 Hp, 125 VAC; 1 Hp, 250, 277 VAC; 5 amps, 125 VAC ‘‘L’’ * Referred to in order guides. ELECTRICAL RATINGS In Amperes 115 Volts AC 28 Volts DC 115 VDC 250 VDC 60 & 400 Hz 230 VAC Elect. Rating Code Ind. Res. Lamp Res. Res. Ind. Res. Lamp Res. 1 12 20 5 0.75 0.5 10 15 3 6 2 10 15 4 0.75 0.5 7 15 2 6 3 15 20 7 0.75 0.5 15 15 4 6 4 10 18 5 0.75 0.5 8 11 2 6 5 12 20 5 0.75 0.5 15 15 4 6 6 10 18 4 0.75 0.5 8 11 2 6 Application Note: Honeywell MICRO SWITCH does not recommend the use of silver cadmium oxide switch contacts in non-arcing loads. Non-arcing loads are generally loads less than 12 volts and/or 0.5 amp. NT switches use silver cadmium oxide contacts. For other options, contact the MICRO SWITCH Application Center at 1-800-537-6945. |
Số phần tương tự - 1NT91-6 |
|
Mô tả tương tự - 1NT91-6 |