công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9887TS/V4 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện TDA9887TS/V4
Giải thích chi tiết về linh kiện  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9887TS/V4 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button TDA9887TS/V4 Datasheet HTML 2Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 3Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 4Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 5Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 6Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 7Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 8Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 9Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
2004 Aug 25
6
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
6. The intercarrier output signal at pin SIOMAD can be calculated by the following formula taking into account the
internal video signal with 1.1 V (p-p) as a reference:
V
and
where:
is the correction term for RMS value,
is the sound-to-picture carrier ratio at pins VIF1 and VIF2
in dB, 6 dB is the correction term of internal circuitry and
±3 dB is the tolerance of video output and intercarrier output
Vo(intc)(rms).
7. Pin REF is able to operate as a 1-pin crystal oscillator input as well as an external reference signal input, e.g. from
the tuning system.
V
o(intc)(rms)
1.1
1
22
-----------
×
10
r
×
=
r
1
20
------
V
i(SC)
V
i(PC)
-------------- dB
() 6 dB 3 dB
±
+


×
=
1
22
-----------
V
iSC
()
V
iPC
()
--------------- dB
()


Số phần tương tự - TDA9887TS/V4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9887TS/V4 PHILIPS-TDA9887TS/V4 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
More results

Mô tả tương tự - TDA9887TS/V4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9885 PHILIPS-TDA9885 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886 NXP-TDA9886 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com