công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9887TS bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện TDA9887TS
Giải thích chi tiết về linh kiện  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9887TS bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button TDA9887TS Datasheet HTML 6Page - NXP Semiconductors TDA9887TS Datasheet HTML 7Page - NXP Semiconductors TDA9887TS Datasheet HTML 8Page - NXP Semiconductors TDA9887TS Datasheet HTML 9Page - NXP Semiconductors TDA9887TS Datasheet HTML 10Page - NXP Semiconductors TDA9887TS Datasheet HTML 11Page - NXP Semiconductors TDA9887TS Datasheet HTML 12Page - NXP Semiconductors TDA9887TS Datasheet HTML 13Page - NXP Semiconductors TDA9887TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
2004 Aug 25
10
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
8
FUNCTIONAL DESCRIPTION
Figure 1 shows the simplified block diagram of the device
which comprises the following functional blocks:
• VIF amplifier
• Tuner AGC and VIF-AGC
• VIF-AGC detector
• Frequency Phase-Locked Loop (FPLL) detector
• VCO and divider
• AFC and digital acquisition help
• Video demodulator and amplifier
• Sound carrier trap
• SIF amplifier
• SIF-AGC detector
• Single reference QSS mixer
• AM demodulator
• FM demodulator and acquisition help
• Audio amplifier and mute time constant
• Radio mode
• Internal voltage stabilizer
• I2C-bus transceiver and MAD (module address).
8.1
VIF amplifier
The VIF amplifier consists of three AC-coupled differential
stages. Gain control is performed by emitter degeneration.
The total gain control range is typically 66 dB. The
differential input impedance is typically 2 k
Ω in parallel with
3 pF.
8.2
Tuner AGC and VIF-AGC
This block adapts the voltages, generated at the VIF-AGC
and SIF-AGC detectors, to the internal signal processing
at the VIF and SIF amplifiers and performs the tuner AGC
control current generation. The onset of the tuner AGC
control current generation can be set either via the I2C-bus
(see Table 13) or optionally by a potentiometer at pin TOP
(in case that the I2C-bus information cannot be stored).
The presence of a potentiometer is automatically detected
and the I2C-bus setting is disabled.
Furthermore, derived from the AGC detector voltage, a
comparator is used to test if the corresponding VIF input
voltage is higher than 200
µV. This information can be
read out via the I2C-bus (bit VIFLEV = 1).
8.3
VIF-AGC detector
Gain control is performed by sync level detection (negative
modulation) or peak white detection (positive modulation).
For negative modulation, the sync level voltage is stored at
an integrated capacitor by means of a fast peak detector.
This voltage is compared with a reference voltage
(nominal sync level) by a comparator which charges or
discharges the integrated AGC capacitor for the
generation of the required VIF gain. The time constants for
decreasing or increasing the gain are nearly equal and the
total AGC reaction time is fast to cope with ‘aeroplane
fluttering’.
For positive modulation, the white peak level voltage is
compared with a reference voltage (nominal white level)
by a comparator which charges (fast) or discharges (slow)
the external AGC capacitor directly for the generation of
the required VIF gain. The need of a very long time
constant for VIF gain increase is because the peak white
level may appear only once in a field. In order to reduce
this time constant, an additional level detector increases
the discharging current of the AGC capacitor (fast mode)
in the event of a decreasing VIF amplitude step controlled
by the detected actual black level voltage. The threshold
level for fast mode AGC is typically
−6 dB video amplitude.
The fast mode state is also transferred to the SIF-AGC
detector for speed-up. In case of missing peak white
pulses, the VIF gain increase is limited to typically +3 dB
by comparing the detected actual black level voltage with
a corresponding reference voltage.
8.4
FPLL detector
The VIF amplifier output signal is fed into a frequency
detector and into a phase detector via a limiting amplifier
for removing the video AM.
During acquisition the frequency detector produces a
current proportional to the frequency difference between
the VIF and the VCO signals. After frequency lock-in the
phase detector produces a current proportional to the
phase difference between the VIF and the VCO signals.
The currents from the frequency and phase detectors are
charged into the loop filter which controls the VIF VCO and
locks it to the frequency and phase of the VIF carrier.
For a positive modulated VIF signal, the charging currents
are gated by the composite sync in order to avoid signal
distortion in case of overmodulation. The gating depth is
switchable via the I2C-bus.


Số phần tương tự - TDA9887TS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9887TS/V4 PHILIPS-TDA9887TS/V4 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
More results

Mô tả tương tự - TDA9887TS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9885 PHILIPS-TDA9885 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886 NXP-TDA9886 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com