công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NE12S0A0V10PNFA bảng dữ liệu(PDF) 7 Page - Delta Electronics, Inc.

tên linh kiện NE12S0A0V10PNFA
Giải thích chi tiết về linh kiện  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V10PNFA bảng dữ liệu(HTML) 7 Page - Delta Electronics, Inc.

Back Button NE12S0A0V10PNFA_13 Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 9Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 10Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS_NE12S10A_07092013
7
FEATURES DESCRIPTIONS (CON.)
The ENABLE input can be driven in a variety of ways as
shown in Figures 19 and 20. If the ENABLE signal
comes from the primary side of the circuit, the ENABLE
can be driven through either a bipolar signal transistor
(Figure 18).If the enable signal comes from the
secondary side, then an opto-coupler or other isolation
devices must be used to bring the signal across the
voltage isolation (please see Figure 19).
ND6A/10A
Vout
Ground
Trim
Enable
Ground
Vin
Figure 19: Enable Input drive circuit for NE series
Ground
Ground
ND 6A/10A
Vin
Vout
Trim
Enable
Figure 20: Enable input drive circuit example with isolation.
Input Under-Voltage Lockout
The input under-voltage lockout prevents the converter
from being damaged while operating when the input
voltage is too low. The lockout occurs between 2.8V to
3.1V.
Over-Current and Short-Circuit Protection
The NE series modules have non-latching over-current
and short-circuit protection circuitry. When over current
condition occurs, the module goes into the non-latching
hiccup mode. When the over-current condition is
removed, the module will resume normal operation.
An over current condition is detected by measuring the
voltage drop across the MOSFETs. The voltage drop
across the MOSFET is also a function of the MOSFET’s
Rds(on). Rds(on) is affected by temperature, therefore
ambient temperature will affect the current limit inception
point. Please see the electrical characteristics for details
of the OCP function.
The detection of the Rds(on) of
MOSFETs also acts as
an over temperature protection since high temperature
will cause the Rds(on) of the MOSFETs to increase,
eventually triggering over-current protection.
Output Voltage Programming
The output voltage of the NE series is trimmable by
connecting an external resistor between the trim pin and
output ground as shown Figure 21 and the typical trim
resistor values are shown in Table 1.
Vin
Vout
Enable
Ground
Ground
Trim
ND 6A/10A
Rs
Figure 21: Trimming Output Voltage
The NE10 module has a trim range of 1.0V to 3.3V. The
trim resistor equation for the NE10A is :
592
.
0
1184
)
(
Vout
Rs
Vout is the output voltage setpoint
Rs is the resistance between Trim and Ground
Rs values should not be less than 24
Output Voltage
Rs (Ω)
0.59V
open
+1 V
2.9k
+1.5 V
1.3K
+2.5 V
619
+3.3 V
436
+5.0V
268
+5.5V
240
Table 1: Typical trim resistor values
NE6A/10A
NE6A/10A
NE6A/10A


Số phần tương tự - NE12S0A0V10PNFA_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
656Kb / 12P
   Voltage Margining Adjustment
More results

Mô tả tương tự - NE12S0A0V10PNFA_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com