công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC16XSD200FK bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC16XSD200FK
Giải thích chi tiết về linh kiện  Dual 16 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC16XSD200FK bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC16XSD200FK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Document Number: MC16XSD200
Rev. 2.0, 9/2013
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2013. All rights reserved.
Dual 16 mOhm
High Side Switch
The 16XSD200 device is part of a 36 V dual high side switch product
family with integrated control, and a high number of protective and
diagnostic functions. It has been designed for industrial applications.
The low RDS(ON) channels (<16 m) can control different load types;
bulbs, solenoids, or DC motors. Control, device configuration, and
diagnostics are performed through a 16-bit serial peripheral interface
(SPI), allowing easy integration into existing applications. This device
is powered by SMARTMOS technology
Both channels can be controlled individually by external/internal
clock signals, or by direct inputs. Using the internal clock allows fully
autonomous device operation. Programmable output voltage slew-
rates (individually programmable) helps improve electromagnetic
compatability (EMC) performance. To avoid shutting off the device
upon inrush current, while still being able to closely track the load
current, a dynamic overcurrent threshold profile is featured. Switching
current of each channel can be sensed with a programmable sensing
ratio. Whenever communication with the external microcontroller is
lost, the device enters a Fail-safe operation mode, but remains
operational, controllable, and protected.
Features
• Normal operating range: 8.0 - 36 V, extended range: 6.0 - 58 V
• Two fully-protected 16 m
 (@ 25 °C) high side switches
•Up to 3.0 A steady-state current per channel
• Separate bulb and DC motor latched overcurrent handling
• Individually programmable internal/external PWM clock signals
• Overcurrent, short-circuit, and overtemperature protection with
programmable autoretry functions
• Accurate temperature and current sensing
• OpenLoad detection (channel in OFF and ON state), also for LED
applications (7.0 mA typ.)
•3.3 V and 5.0 V compatible 16-bit SPI port for device control, configuration and diagnostics at rates up to 8.0 MHz
Figure 1. Simplified Application Diagram
FK SUFFIX (PB-FREE)
98ASA00428D
23 PIN PQFN (12 X12 mm)
16XSD200
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC16XSD200FK
-40 to 125 °C
23 PQFN
HIGH SIDE SWITCH
MCU
VDD
CLOCK
FSB
SCLK
CSB
SO
RSTB
SI
IN0
IN1
CSNS
GND
VDD
VPWR
HS0
HS1
LOAD
I/O
SCLK
CSB
SI
I/O
SO
I/O
I/O
A/D
GND
LOAD
M
CONF0
CONF1
FSOB
I/O
A/D
SYNC
I/O
16XSD200
VDD
VPWR


Số phần tương tự - MC16XSD200FK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
More results

Mô tả tương tự - MC16XSD200FK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com