công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1032ARZ-1RL7 bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện ADM1032ARZ-1RL7
Giải thích chi tiết về linh kiện  Local System Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032ARZ-1RL7 bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button ADM1032ARZ-1RL7 Datasheet HTML 5Page - ON Semiconductor ADM1032ARZ-1RL7 Datasheet HTML 6Page - ON Semiconductor ADM1032ARZ-1RL7 Datasheet HTML 7Page - ON Semiconductor ADM1032ARZ-1RL7 Datasheet HTML 8Page - ON Semiconductor ADM1032ARZ-1RL7 Datasheet HTML 9Page - ON Semiconductor ADM1032ARZ-1RL7 Datasheet HTML 10Page - ON Semiconductor ADM1032ARZ-1RL7 Datasheet HTML 11Page - ON Semiconductor ADM1032ARZ-1RL7 Datasheet HTML 12Page - ON Semiconductor ADM1032ARZ-1RL7 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ADM1032
http://onsemi.com
9
outside the programmed limits. THERM output does not
need to be reset, unlike the ALERT output. Once the
measurements are within the limits, the corresponding status
register bits are reset and the THERM output goes high.
Table 8. STATUS REGISTER BIT ASSIGNMENTS
Bit
Name
Function
7
BUSY
1 When ADC Converting
6
LHIGH
(Note 1)
1 When Local High Temp Limit Tripped
5
LLOW
(Note 1)
1 When Local Low Temp Limit Tripped
4
RHIGH
(Note 1)
1 When Remote High Temp Limit
Tripped
3
RLOW
(Note 1)
1 When Remote Low Temp Limit
Tripped
2
OPEN
(Note 1)
1 When Remote Sensor Open-Circuit
1
RTHRM
1 When Remote THERM Limit Tripped
0
LTHRM1
1 When Local THERM Limit Tripped
1. These flags stay high until the status register is read, or they are
reset by POR.
Configuration Register
Two bits of the configuration register are used. If Bit 6 is
0, which is the power-on default, the device is in operating
mode with the ADC converting. If Bit 6 is set to 1, the device
is in standby mode and the ADC does not convert. The
SMBus does, however, remain active in standby mode so
values can be read from or written to the SMBus. The
ALERT and THERM O/Ps are also active in standby mode.
Bit 7 of the configuration register is used to mask the alert
output. If Bit 7 is 0, which is the power-on default, the output
is enabled. If Bit 7 is set to 1, the output is disabled.
Table 9. CONFIGURATION REGISTER BIT
ASSIGNMENTS
Bit
Name
Function
Power-On
Default
7
MASK1
0 = ALERT Enabled
1 = ALERT Masked
0
6
RUN/STOP
0 = Run
1 = Standby
0
5 to 0
Reserved
0
Conversion Rate Register
The lowest four bits of this register are used to program the
conversion rate by dividing the internal oscillator clock by
1, 2, 4, 8, 16, 32, 64, 128, 256, 512, or 1024 to give
conversion times from 15.5 ms (Code 0Ah) to 16 seconds
(Code 00h). This register can be written to and read back
over the SMBus. The higher four bits of this register are
unused and must be set to 0. Use of slower conversion times
greatly reduces the device power consumption, as shown in
Table 10.
Table 10. CONVERSION RATE REGISTER CODES
Data
Conversion/Sec
Average Supply Current
mA Typ at VDD = 5.5 V
00h
0.0625
0.17
01h
0.125
0.20
02h
0.25
0.21
03h
0.5
0.24
04h
1
0.29
05h
2
0.40
06h
4
0.61
07h
8
1.1
08h
16
1.9
09h
32
0.73
0Ah
64
1.23
0B to FFh
Reserved
Limit Registers
The ADM1032 has nine limit registers to store local and
remote, high, low, and THERM temperature limits. These
registers can be written to and read back over the SMBus.
The high limit registers perform a > comparison, while the
low limit registers perform a < or = to comparison. For
example, if the high limit register is programmed with 80
°C,
measuring 81
°C results in an alarm condition. If the low
limit register is programmed with 0
°C, measuring 0°C or
lower results in an alarm condition. Exceeding either the
local or remote THERM limit asserts THERM low. A
default hysteresis value of 10
°C is provided, which applies
to both channels. This hysteresis can be reprogrammed to
any value after powerup (Reg 0x21h).
One-Shot Register
The one-shot register is used to initiate a single conversion
and comparison cycle when the ADM1032 is in standby
mode, after which the device returns to standby. This is not
a data register as such, and it is the write operation that
causes the one-shot conversion. The data written to this
address is irrelevant and is not stored. The conversion time
on a single shot is 96 ms when the conversion rate is 16
conversions per second or less. At 32 conversions per
second, the conversion time is 15.3 ms. This is because
averaging is disabled at the faster conversion rates (32 and
64 conversions per second).
Consecutive ALERT Register
This value written to this register determines how many
out-of limit measurements must occur before an ALERT is
generated. The default value is that one out-of-limit
measurement generates an ALERT. The maximum value
that can be chosen is four. The purpose of this register is to
allow the user to perform some filtering of the output. This
is particularly useful at the faster two conversion rates where
no averaging takes place.


Số phần tương tự - ADM1032ARZ-1RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
ADM1032ARZ-1REEL ONSEMI-ADM1032ARZ-1REEL Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
More results

Mô tả tương tự - ADM1032ARZ-1RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Texas Instruments
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com