công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4819MX bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM4819MX
Giải thích chi tiết về linh kiện  LM4819 350mW Audio Power Amplifier with Shutdown Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM4819MX bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM4819MX Datasheet HTML 7Page - Texas Instruments LM4819MX Datasheet HTML 8Page - Texas Instruments LM4819MX Datasheet HTML 9Page - Texas Instruments LM4819MX Datasheet HTML 10Page - Texas Instruments LM4819MX Datasheet HTML 11Page - Texas Instruments LM4819MX Datasheet HTML 12Page - Texas Instruments LM4819MX Datasheet HTML 13Page - Texas Instruments LM4819MX Datasheet HTML 14Page - Texas Instruments LM4819MX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LM4819, LM4819MBD
www.ti.com
SNAS133D – FEBRUARY 2001 – REVISED MARCH 2013
load and a 5V supply is approximately 575mW. Substituting this value back into Equation 4 for PDMAX and using
θJA = 210°C/W for the DGK0008A package, the maximum ambient temperature is calculated to be 29°C. Using
θJA = 170°C/W for the D0008A package, the maximum ambient temperature is 52°C. Refer to the Typical
Performance Characteristics curves for power dissipation information for lower output powers and maximum
power dissipation for each package at a given ambient temperature.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. The capacitors connected to the bypass and power supply pins should be placed as close to the
LM4819 as possible. The capacitor connected between the bypass pin and ground improves the internal bias
voltage's stability, producing improved PSRR. The improvements to PSRR increase as the bypass pin capacitor
value increases. Typical applications employ a 5V regulator with 10µF and 0.1µF filter capacitors that aid in
supply stability. Their presence, however, does not eliminate the need for bypassing the supply nodes of the
LM4819. The selection of bypass capacitor values, especially CB , depends on desired PSRR requirements, click
and pop performance as explained in the section, Proper Selection of External Components, as well as system
cost and size constraints.
SHUTDOWN FUNCTION
The voltage applied to the LM4819's SHUTDOWN pin controls the shutdown function. Activate micro-power
shutdown by applying VDD to the SHUTDOWN pin. When active, the LM4819's micro-power shutdown feature
turns off the amplifier's bias circuitry, reducing the supply current. The logic threshold is typically 1/2VDD. The low
0.7µA typical shutdown current is achieved by applying a voltage that is as near as VDD as possible to the
SHUTDOWN pin. A voltage that is less than VDD may increase the shutdown current. Avoid intermittent or
unexpected micro-power shutdown by ensuring that the SHUTDOWN pin is not left floating but connected to
either VDD or GND.
There are a few ways to activate micro-power shutdown. These included using a single-pole, single-throw switch,
a microcontroller, or a microprocessor. When using a switch, connect an external 10k
Ω to 100kΩ pull-up resistor
between the SHUTDOWN pin and VDD. Connect the switch between the SHUTDOWN pin and ground. Select
normal amplifier operation by closing the switch. Opening the switch connects the shutdown pin to VDD through
the pull-up resistor, activating micro-power shutdown. The switch and resistor ensure that the SHUTDOWN pin
will not float. This prevents unwanted state changes. In a system with a microprocessor or a microcontroller, use
a digital output to apply the control voltage to the SHUTDOWN pin. Driving the SHUTDOWN pin with active
circuitry eliminates the pull-up resistor
PROPER SELECTION OF EXTERNAL COMPONENTS
Optimizing the LM4819's performance requires properly selecting external components. Though the LM4819
operates well when using external components with wide tolerances, best performance is achieved by optimizing
component values.
The LM4819 is unity gain stable, giving the designer maximum design flexibility. The gain should be set to no
more than a given application requires. This allows the amplifier to achieve minimum THD+N and maximum
signal-to-noise ratio. These parameters are compromised as the closed-loop gain increases. However, low gain
demands input signals with greater voltage swings to achieve maximum output power. Fortunately, many signal
sources such as audio CODECs have outputs of 1VRMS (2.83VP-P). Please refer to the Audio Power Amplifier
Design section for more information on selecting the proper gain.
Another important consideration is the amplifier's close-loop bandwidth. To a large extent, the bandwidth is
dictated by the choice of external components shown in Figure 1. The input coupling capacitor, Ci, forms a first
order high pass filter that limits low frequency response. This value should be chosen based on needed
frequency response for a few distinct reasons discussed below
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires a high value input coupling capacitor (Ci in Figure 1). A high
value capacitor can be expensive and may compromise space efficiency in portable designs. In many cases the
speakers used in portable systems, whether internal or external, have little ability to reproduce signals below
150Hz. Applications using speakers with limited frequency response reap little improvement by using a large
input capacitor.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4819 LM4819MBD


Số phần tương tự - LM4819MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4819MX/NOPB TI-LM4819MX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
More results

Mô tả tương tự - LM4819MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819 Datasheet
280Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4819 TI1-LM4819_14 Datasheet
1Mb / 28P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
   350mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4819 TI-LM4819_15 Datasheet
1Mb / 27P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
LM4819MBD TI1-LM4819MBD Datasheet
1Mb / 27P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com