công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCXU04DTG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74LCXU04DTG
Giải thích chi tiết về linh kiện  Low-Voltage CMOS Unbuffered Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCXU04DTG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74LCXU04DTG Datasheet HTML 1Page - ON Semiconductor MC74LCXU04DTG Datasheet HTML 2Page - ON Semiconductor MC74LCXU04DTG Datasheet HTML 3Page - ON Semiconductor MC74LCXU04DTG Datasheet HTML 4Page - ON Semiconductor MC74LCXU04DTG Datasheet HTML 5Page - ON Semiconductor MC74LCXU04DTG Datasheet HTML 6Page - ON Semiconductor MC74LCXU04DTG Datasheet HTML 7Page - ON Semiconductor MC74LCXU04DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 9
1
Publication Order Number:
MC74LCXU04/D
MC74LCXU04
Low-Voltage CMOS
Unbuffered Hex Inverter
With 5 V−Tolerant Inputs
The MC74LCXU04 is a high performance unbuffered hex inverter
operating from a 2.3 to 3.6 V supply. (High impedance TTL
compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance.) A VI specification of 5.5 V allows MC74LCXU04
inputs to be safely driven from 5 V devices.
Features
Designed for 2.3 to 3.6 V VCC Operation
5 V Tolerant Inputs − Interface Capability With 5 V TTL Logic
LVTTL Compatible
LVCMOS Compatible
Near Zero Static Supply Current (10 mA) Substantially Reduces
System Power Requirements
Latchup Performance Exceeds 500 mA
ESD Performance:
Human Body Model >2000 V
Machine Model >200 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MARKING
DIAGRAMS
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
LCXU04G
AWLYWW
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
1
14
http://onsemi.com
LCX
U04
ALYWG
G
1
14
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)


Số phần tương tự - MC74LCXU04DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCXU04DT ONSEMI-MC74LCXU04DT Datasheet
82Kb / 8P
   Low-Voltage CMOS Unbuffered Hex Inverter With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 6
MC74LCXU04DTR2 ONSEMI-MC74LCXU04DTR2 Datasheet
82Kb / 8P
   Low-Voltage CMOS Unbuffered Hex Inverter With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 6
More results

Mô tả tương tự - MC74LCXU04DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
REV 1
74LVC06A ONSEMI-74LVC06A_15 Datasheet
94Kb / 7P
   Low-Voltage CMOS Hex Inverter
December, 2015 ??Rev. 0
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
   Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
   Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com