công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1860J bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện UC1860J
Giải thích chi tiết về linh kiện  Resonant Mode Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1860J bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button UC1860J Datasheet HTML 2Page - Texas Instruments UC1860J Datasheet HTML 3Page - Texas Instruments UC1860J Datasheet HTML 4Page - Texas Instruments UC1860J Datasheet HTML 5Page - Texas Instruments UC1860J Datasheet HTML 6Page - Texas Instruments UC1860J Datasheet HTML 7Page - Texas Instruments UC1860J Datasheet HTML 8Page - Texas Instruments UC1860J Datasheet HTML 9Page - Texas Instruments UC1860J Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UC1860
UC2860
UC3860
FAULT MANAGEMENT SECTION
During UVLO, the fault management section is initialized.
The latch is reset, and both Sft Strt (soft start) and Rst Dly
(restart delay) are pulled low. When Sft Strt is low, it low-
ers the upper clamp of the error amplifier. As Sft Strt in-
creases in voltage, the upper clamp increases from a
value equal to the lower clamp until it is 2V more positive.
A capacitor to ground from the Sft Strt pin will control the
start rate.
UNCOMMITTED COMPARATOR
The uncommitted comparator, biased from the reference
voltage, operates independently from the rest of the chip.
The open collector output is capable of sinking 2mA. The
inputs are valid in the common mode range of -0.3 to
3.0V. As long as one of the inputs is within this range, the
other can be as high as 5V.
The high speed fault comparator will work over the input
common mode range of -0.3 to 3.0V. When a fault is
sensed, the one shot is immediately terminated, Sft Strt is
pulled low, and Rst Dly is allowed to go high. Three
modes of fault disposition can easily be implemented. If
Rst Dly is externally held low, then a detected fault will
shut the chip down permanently. If the Rst Dly pin is left
open, a fault will simply cause an interruption of opera-
tion. If a capacitor is connected from Rst Dly to ground,
then hic-up operation is implemented. The hic-up time is:
t (off) = 600 kohm * C(Rst Dly).
Input Bias Current Input Voltage
6


Số phần tương tự - UC1860J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
More results

Mô tả tương tự - UC1860J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
STEVAL-ISA016V1 STMICROELECTRONICS-STEVAL-ISA016V1 Datasheet
93Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
October 2006 Rev 1
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
   Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
TEA19161CT NXP-TEA19161CT Datasheet
466Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2-26 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com