công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3054 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TP3054
Giải thích chi tiết về linh kiện  Enhanced Serial Interface CODEC/Filter COMBO Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TP3054 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TP3054 Datasheet HTML 1Page - Texas Instruments TP3054 Datasheet HTML 2Page - Texas Instruments TP3054 Datasheet HTML 3Page - Texas Instruments TP3054 Datasheet HTML 4Page - Texas Instruments TP3054 Datasheet HTML 5Page - Texas Instruments TP3054 Datasheet HTML 6Page - Texas Instruments TP3054 Datasheet HTML 7Page - Texas Instruments TP3054 Datasheet HTML 8Page - Texas Instruments TP3054 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Block Diagram
FIGURE 1
TLH5510 – 2
Pin Description
Symbol
Function
VBB
Negative power supply pin
VBB eb5V g5%
GNDA
Analog ground All signals are referenced
to this pin
VFRO
Analog output of the receive power ampli-
fier
VCC
Positive power supply pin
VCC ea5V g5%
FSR
Receive frame sync pulse which enables
BCLKR to shift PCM data into DR FSR is
an 8 kHz pulse train See
Figures 2 and 3
for timing details
DR
Receive data input PCM data is shifted
into DR following the FSR leading edge
BCLKR CLKSEL The bit clock which shifts data into DR af-
ter the FSR leading edge May vary from
64 kHz to 2048 MHz Alternatively may
be a logic input which selects either
1536 MHz1544 MHz or 2048 MHz for
master clock in synchronous mode and
BCLKX is used for both transmit and re-
ceive directions (see Table I)
MCLKR PDN
Receive
master
clock
Must
be
1536 MHz 1544 MHz or 2048 MHz
May be asynchronous with MCLKX but
Symbol
Function
should be synchronous with MCLKX for best per-
formance When MCLKR is connected continu-
ously low MCLKX is selected for all internal tim-
ing When MCLKR is connected continuously
high the device is powered down
MCLKX
Transmit master clock Must be 1536 MHz
1544 MHz or 2048 MHz May be asynchronous
with MCLKR Best performance is realized from
synchronous operation
FSX
Transmit frame sync pulse input which enables
BCLKX to shift out the PCM data on DX FSX is
an 8 kHz pulse train see
Figures 2 and 3 for
timing details
BCLKX
The bit clock which shifts out the PCM data on
DX May vary from 64 kHz to 2048 MHz but
must be synchronous with MCLKX
DX
The TRI-STATE
PCM data output which is en-
abled by FSX
TSX
Open drain output which pulses low during the
encoder time slot
GSX
Analog output of the transmit input amplifier
Used to externally set gain
VFXIb
Inverting input of the transmit input amplifier
VFXIa
Non-inverting input of the transmit input amplifi-
er
2


Số phần tương tự - TP3054

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054-X TI1-TP3054-X Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3054-X TI1-TP3054-X_15 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
More results

Mô tả tương tự - TP3054

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054-X TI1-TP3054-X_15 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
Texas Instruments
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com