công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP1726-ADJE bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
MCP1726-ADJE bảng dữ liệu(HTML) 2 Page - Microchip Technology |
2 / 2 page MCP1726 Product Specifications MCP1726 Ceramic-output Cap-stable, Low Output Voltage Regultator Specifications Product Output Voltage Output Current VCC Range Junction Temperature Range Typical Supply Current Typical Dropout Voltage @ Max. IOUT Typical Output Voltage Accuracy SHDN Programmable Power Good Package Packing MCP1726 0.8V, 1.2V, 1.8V, 2.5V, 3.3V, 5.0V, ADJ 1000 mA 2.3V to 6.0V -40°C to 125°C 140 μA 150 mV ±1% Yes Yes SO-8, DFN-8 (3X3) Tube, Tape & Reel Additional Information • MCP1726 Data Sheet, DS21936 • Microchip Stand-Alone Analog and Interface Solutions Guide, DS21060 • Microchip Product Selector Guide, DS00148 • For online sampling, go to: www.sample.microchip.com • For online purchasing, go to: www.buy.microchip.com Sampling and Purchasing Information The MCP1726 LDO is available today for sampling and volume production in Pb-free 8-pin DFN and SOIC packages. Visit Microchip’s web site for complete details, or contact any Microchip sales representative or authorized Microchip distributor around the world. www.microchip.com Information subject to change. The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their respective companies. © 2005, Microchip Technology Incorporated. All Rights Reserved. Printed in the U.S.A. 3/05 DS21926A *DS21926A Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199 MICR OCONTR OLLERS • DIGITAL SIGNAL CONTR OLLERS • ANALOG • SERIAL EEPR OMS Sales Offices AMERICAS Atlanta 770-640-0034 Boston 774-760-0087 Chicago 630-285-0071 Dallas 972-818-7423 Detroit 248-538-2250 Kokomo 765-864-8360 Los Angeles 949-462-9523 San Jose 650-215-1444 Toronto 905-673-0699 ASIA/PACIFIC Australia 61-2-9868-6733 China-Beijing 86-10-8528-2100 China-Chengdu 86-28-8676-6200 China-Fuzhou 86-591-8750-3506 China-Hong Kong 852-2401-1200 China-Shanghai 86-21-5407-5533 China-Shenyang 86-24-2334-2829 China-Shenzhen 86-755-8203-2660 China-Shunde 86-757-2839-5507 China-Qingdao 86-532-502-7355 India-Bangalore 91-80-2229-0061 India-New Delhi 91-11-5160-8632 Japan-Kanagawa 81-45-471-6166 Korea-Seoul 82-2-554-7200 Singapore 65-6334-8870 Taiwan-Kaohsiung 886-7-536-4818 Taiwan-Taipei 886-2-2500-6610 Taiwan-Hsinchu 886-3-572-9526 EUROPE Austria-Wels 43-7242-2244-399 Denmark-Ballerup 45-4420-9895 France-Massy 33-1-69-53-63-20 Germany-Ismaning 49-89-627-144-0 Italy-Milan 39-0331-742611 Netherlands-Drunen 31-416-690399 England-Berkshire 44-118-921-5869 3/1/05 |
Số phần tương tự - MCP1726-ADJE |
|
Mô tả tương tự - MCP1726-ADJE |