công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM1877MX-9 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
LM1877MX-9 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 14 page LM1877 www.ti.com SNAS550B – FEBRUARY 1995 – REVISED APRIL 2013 Electrical Characteristics VS = 20V, TA = 25°C (1) R L = 8Ω, AV = 50 (34 dB) unless otherwise specified Parameter Conditions Min Typ Max Units Total Supply Current PO = 0W 25 50 mA Output Power THD = 10% LM1877 VS = 20V, RL = 8Ω 2.0 W/Ch VS = 12V, RL = 8Ω 1.3 W/Ch Total Harmonic Distortion f = 1 kHz, VS = 14V LM1877 PO = 50 mW/Channel 0.075 % PO = 500 mW/Channel 0.045 % PO = 1 W/Channel 0.055 % Output Swing RL = 8Ω VS −6 Vp-p Channel Separation CF = 50 μF, CIN = 0.1 μF, f = 1 kHz, Output Referred VS = 20V, VO = 4 Vrms −50 −70 dB VS = 7V, VO = 0.5 Vrms −60 dB PSRR Power Supply CF = 50 μF, CIN = 0.1 μF, Rejection Ratio f = 120 Hz, Output Referred VS = 20V, VRIPPLE = 1 Vrms −50 −65 dB VS = 7V, VRIPPLE = 0.5 Vrms −40 dB Noise Equivalent Input Noise RS = 0, CIN = 0.1 μF, 2.5 μV BW = 20 Hz–20 kHz, Output Noise Wideband RS = 0, CN = 0.1 μF, AV 200 0.80 mV Open Loop Gain RS = 0, f = 100 kHz, RL = 8Ω 70 dB Input Offset Voltage 15 mV Input Bias Current 50 nA Input Impedance Open Loop 4 M Ω DC Output Level VS = 20V 9 10 11 V Slew Rate 2.0 V/ μs Power Bandwidth 65 kHz Current Limit 1.0 A (1) For operation at ambient temperature greater than 25°C, the LM1877 must be derated based on a maximum 150°C junction temperature. Copyright © 1995–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM1877 |
Số phần tương tự - LM1877MX-9 |
|
Mô tả tương tự - LM1877MX-9 |