công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2751SDX-A bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM2751SDX-A
Giải thích chi tiết về linh kiện  LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2751SDX-A bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM2751SDX-A Datasheet HTML 6Page - Texas Instruments LM2751SDX-A Datasheet HTML 7Page - Texas Instruments LM2751SDX-A Datasheet HTML 8Page - Texas Instruments LM2751SDX-A Datasheet HTML 9Page - Texas Instruments LM2751SDX-A Datasheet HTML 10Page - Texas Instruments LM2751SDX-A Datasheet HTML 11Page - Texas Instruments LM2751SDX-A Datasheet HTML 12Page - Texas Instruments LM2751SDX-A Datasheet HTML 13Page - Texas Instruments LM2751SDX-A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM2751
SNVS299B – APRIL 2005 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
CIRCUIT DESCRIPTION
The LM2751 is a Switched Capacitor Convertor with gains of 2x and 1.5x. It is capable of continuously supplying
up to 150mA at 4.5V or up to 80mA at 5V depending on the output voltage option. The LM2751's fixed frequency
pre-regulation maintains the output voltage to within 3% (typ.), making it well suited for driving White LEDs.
There are also four user programmable switching frequencies to reduce the quiescent current consumption at
light loads.
Aside from powering LEDs, the LM2751 is suitable for driving other devices with power requirements up to
150mA. The LM2751 operates over the extended Li-Ion battery range from 2.8V to 5.5V. The LM2751 limits
output current to 250mA (typ.) during an output short circuit condition. LED brightness is controlled by applying a
PWM (Pulse Width Modulation) signal to the Enable pin (EN). See PWM BRIGHTNESS CONTROL.
SOFT START
Soft Start is engaged when the device is taken out of Shutdown mode (EN = logic HIGH) or when voltage is
supplied simultaneously to the VIN and EN pins. During Soft Start, the voltage on VOUT will ramp up in proportion
to the rate that the reference voltage is being ramped up. The output voltage is programmed to rise from 0V to
the regulated output voltage level (4.5V or 5V) in 300µs (typ.).
ENABLE MODE
The Enable logic pin (EN) disables the part and reduces the quiescent current to 0.77µA (typ.). The LM2751 has
an active-high enable pin (LOW = shut down, HIGH = operating) which can be driven with a low-voltage CMOS
logic signal (1.5V logic, 1.8V logic, etc). There is an internal 1M
Ω pull-down resistor between the EN and GND
pins of the LM2751.
FREQUENCY MODE SELECT
The LM2751 switching frequency is user programmable via two logic input pins, CS0 and CS1. Both logic input
pins have active-high logic (LOW = un-selected, HIGH = selected) and can be driven with a low-voltage CMOS
logic signal (1.5V logic, 1.8V logic, etc). There are no internal pull-down or pull-up resistors between the CSx and
GND pins of the LM2751. The CSO and CS1 can be controlled independently or with the same logic signal.
The selectable switching frequencies are 9.5kHz, 37kHz, 300kHz, 725kHz. The switching frequency is
programmed according to Table 1.
Table 1. Frequency Modes
CS0
CS1
Frequency
0
0
37kHz
0
1
300kHz
1
0
9.5kHz
1
1
725kHz
VOUT REGULATION
The LM2751 uses pre-regulation to regulate the output voltage to 4.5V or 5.0V depending on the voltage option.
Pre-regulation uses the voltage present at VOUT to limit the gate drive of the switched capacitor charge pump.
This regulation is done before the voltage is gained up by the charge pump, giving rise to the term "pre-
regulation". Pre-regulation helps to reduce input current noise and large input current spikes normally associated
with switched capacitor charge pumps.
The LM2751 switched capacitor charge pump has gains of 2x and 1.5x. When the input voltage to the device is
greater than 3.58V (typ.), the LM2751 operates in a gain of 1.5x. When the input voltage falls below 3.5V (typ.),
the device switches to a gain of 2x.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2751


Số phần tương tự - LM2751SDX-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2751SDX-A NSC-LM2751SDX-A Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results

Mô tả tương tự - LM2751SDX-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com