công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM7322 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
LM7322 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 35 page LM7321, LM7322 SNOSAW8D – MAY 2008 – REVISED MARCH 2013 www.ti.com ±15V Electrical Characteristics (1) (continued) Unless otherwise specified, all limited ensured for TA = 25°C, V + = 15V, V− = −15V, V CM = 0V, VOUT = 0V, and RL > 1MΩ to 15V. Boldface limits apply at the temperature extremes. Min Typ Max Symbol Parameter Condition Units (2) (3) (2) 80 100 −15V ≤ VCM ≤ 12V 75 CMRR Common Mode Rejection Ratio dB 72 80 −15V ≤ VCM ≤ 15V 70 78 100 PSRR Power Supply Rejection Ratio 2.7V ≤ VS ≤ 30V, VCM = −14.5V dB 74 −15.3 −15.1 −15 CMVR Common Mode Voltage Range CMRR > 50 dB V 15.1 15.3 15 −13V ≤ VO ≤ 13V 75 85 RL = 10 kΩ to 0V 70 AVOL Open Loop Voltage Gain dB −13V ≤ VO ≤ 13V 70 78 RL = 2 kΩ to 0V 65 RL = 10 kΩ to 0V 150 300 VID = 100 mV 350 Output Voltage Swing High RL = 2 kΩ to 0V 250 550 VID = 100 mV 650 mV from VOUT either rail RL = 10 kΩ to 0V 60 200 VID = −100 mV 250 Output Voltage Swing Low RL = 2 kΩ to 0V 130 300 VID = −100 mV 400 Sourcing 40 65 VID = 200 mV, VOUT = −15V (6) IOUT Output Current mA Sinking 60 100 VID = −200 mV, VOUT = 15V (6) 1.1 1.7 LM7321 2.4 IS Supply Current VCM = −14.5V mA 2.5 4 LM7322 5.6 SR Slew Rate (7) AV = +1, VI = 20V Step 18 V/µs fu Unity Gain Frequency RL = 2 kΩ, CL = 20 pF 11.3 MHz GBW Gain Bandwidth f = 50 kHz 20 MHz en Input Referred Voltage Noise Density f = 2 kHz 15 nV/ in Input Referred Current Noise Density f = 2 kHz 1.3 pA/ f = 1 kHz, RL 100 kΩ, THD+N Total Harmonic Distortion +Noise −86 dB AV = +2, VOUT = 23 VPP CT Rej. Crosstalk Rejection f = 100 kHz, Driver RL = 10 kΩ 60 dB (6) Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5 ms. (7) Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower. 6 Submit Documentation Feedback Copyright © 2008–2013, Texas Instruments Incorporated Product Folder Links: LM7321 LM7322 |
Số phần tương tự - LM7322 |
|
Mô tả tương tự - LM7322 |