công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM22670 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM22670
Giải thích chi tiết về linh kiện  LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM22670 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM22670 Datasheet HTML 1Page - Texas Instruments LM22670 Datasheet HTML 2Page - Texas Instruments LM22670 Datasheet HTML 3Page - Texas Instruments LM22670 Datasheet HTML 4Page - Texas Instruments LM22670 Datasheet HTML 5Page - Texas Instruments LM22670 Datasheet HTML 6Page - Texas Instruments LM22670 Datasheet HTML 7Page - Texas Instruments LM22670 Datasheet HTML 8Page - Texas Instruments LM22670 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM22670
www.ti.com
SNVS584O – SEPTEMBER 2008 – REVISED MARCH 2013
LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER®, Step-Down Voltage Regulator with
Features
Check for Samples: LM22670
1
FEATURES
DESCRIPTION
The LM22670 switching regulator provides all of the
23
Wide Input Voltage Range: 4.5V to 42V
functions necessary to implement an efficient high
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable with Low ESR Ceramic Capacitors
of external components. This easy to use regulator
incorporates
a
42V
N-channel
MOSFET
switch
120 m
Ω N-channel MOSFET PFM Package
capable of providing up to 3A of load current.
100 m
Ω N-channel MOSFET SO PowerPAD-8
Excellent line and load regulation along with high
Package
efficiency (>90%) are featured. Voltage mode control
Output Voltage Options:
offers short minimum on-time, allowing the widest
ratio between input and output voltages. Internal loop
-ADJ (outputs as low as 1.285V)
compensation means that the user is free from the
-5.0 (output fixed to 5V)
tedious task of calculating the loop compensation
±1.5% Feedback Reference Accuracy
components. Fixed 5V output and adjustable output
voltage options are available. The default switching
500 kHz Default Switching Frequency
frequency is set at 500 kHz allowing for small
Adjustable Switching Frequency and
external components and good transient response. In
Synchronization
addition, the frequency can be adjusted over a range
-40°C to 125°C Operating Junction
of 200 kHz to 1MHz with a single external resistor.
Temperature Range
The internal oscillator can be synchronized to a
system clock or to the oscillator of another regulator.
Precision Enable Pin
A precision enable input allows simplification of
Integrated Boot-Strap Diode
regulator control and system power sequencing. In
Integrated Soft-Start
shutdown mode the regulator draws only 25 µA (typ.).
Built
in
soft-start
(500µs,
typ)
saves
external
Fully WEBENCH® enabled
components. The LM22670 also has built in thermal
LM22670Q is an Automotive Grade Product
shutdown, and current limiting to protect against
that is AEC-Q100 Grade 1 Qualified (-40°C to
accidental overloads.
+125°C Operating Junction Temperature)
The LM22670 is a member of Texas Instruments'
SO PowerPAD-8 (Exposed Pad) Package
SIMPLE
SWITCHER®
family.
The
SIMPLE
PFM (Exposed Pad) Package
SWITCHER concept provides for an easy to use
complete design using a minimum number of external
APPLICATIONS
components and the TI WEBENCH design tool. TI's
WEBENCH tool includes features such as external
Industrial Control
component calculation, electrical simulation, thermal
Telecom and Datacom Systems
simulation, and Build-It boards for easy design-in.
Embedded Systems
Conversions from Standard 24V, 12V and 5V
Input Rails
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM22670

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22670 NSC-LM22670 Datasheet
525Kb / 20P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670 TI1-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22670 TI-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670-Q1 TI-LM22670-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Mô tả tương tự - LM22670

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com