công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM22670 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM22670
Giải thích chi tiết về linh kiện  LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM22670 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM22670 Datasheet HTML 4Page - Texas Instruments LM22670 Datasheet HTML 5Page - Texas Instruments LM22670 Datasheet HTML 6Page - Texas Instruments LM22670 Datasheet HTML 7Page - Texas Instruments LM22670 Datasheet HTML 8Page - Texas Instruments LM22670 Datasheet HTML 9Page - Texas Instruments LM22670 Datasheet HTML 10Page - Texas Instruments LM22670 Datasheet HTML 11Page - Texas Instruments LM22670 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
EN
Vin
RENB
RENT
LM22670
SNVS584O – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Precision Enable and UVLO
The precision enable input (EN) is used to control the regulator. The precision feature allows simple sequencing
of multiple power supplies with a resistor divider from another supply. Connecting this pin to ground or to a
voltage less than 1.6V (typ.) will turn off the regulator. The current drain from the input supply, in this state, is 25
µA (typ.) at an input voltage of 12V. The EN input has an internal pull-up of about 6 µA. Therefore this pin can be
left floating or pulled to a voltage greater than 2.2V (typ.) to turn the regulator on. The hysteresis on this input is
about 0.6V (typ.) above the 1.6V (typ.) threshold. When driving the enable input, the voltage must never exceed
the 6V absolute maximum specification for this pin.
Although an internal pull-up is provided on the EN pin, it is good practice to pull the input high, when this feature
is not used, especially in noisy environments. This can most easily be done by connecting a resistor between
VIN and the EN pin. The resistor is required, since the internal zener diode, at the EN pin, will conduct for
voltages above about 6V. The current in this zener must be limited to less than 100 µA. A resistor of 470 k
Ω will
limit the current to a safe value for input voltages as high 42V. Smaller values of resistor can be used at lower
input voltages.
The LM22670 also incorporates an input under voltage lock-out (UVLO) feature. This prevents the regulator from
turning on when the input voltage is not great enough to properly bias the internal circuitry. The rising threshold is
4.3V (typ.) while the falling threshold is 3.9V (typ.). In some cases these thresholds may be too low to provide
good system performance. The solution is to use the EN input as an external UVLO to disable the part when the
input voltage falls below a lower boundary. This is often used to prevent excessive battery discharge or early
turn-on during start-up. This method is also recommended to prevent abnormal device operation in applications
where the input voltage falls below the minimum of 4.5V. Figure 14 shows the connections to implement this
method of UVLO. The following equations can be used to determine the correct resistor values:
(1)
(2)
Where Voff is the input voltage where the regulator shuts off, and Von is the voltage where the regulator turns on.
Due to the 6 µA pull-up, the current in the divider should be much larger than this. A value of 20 k
Ω, for RENB is a
good first choice. Also, a zener diode may be needed between the EN pin and ground, in order to comply with
the absolute maximum ratings on this pin.
Figure 14. External UVLO Connections
Duty-Cycle Limits
Ideally the regulator would control the duty cycle over the full range of zero to one. However due to inherent
delays in the circuitry, there are limits on both the maximum and minimum duty cycles that can be reliably
controlled. This in turn places limits on the maximum and minimum input and output voltages that can be
converted by the LM22670. A minimum on-time is imposed by the regulator in order to correctly measure the
switch current during a current limit event. A minimum off-time is imposed in order the re-charge the bootstrap
capacitor. The following equation can be used to determine the approximate maximum input voltage for a given
output voltage:
(3)
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22670


Số phần tương tự - LM22670

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22670 NSC-LM22670 Datasheet
525Kb / 20P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670 TI1-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22670 TI-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670-Q1 TI-LM22670-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Mô tả tương tự - LM22670

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com