công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48100Q bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM48100Q
Giải thích chi tiết về linh kiện  LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM48100Q bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM48100Q Datasheet HTML 5Page - Texas Instruments LM48100Q Datasheet HTML 6Page - Texas Instruments LM48100Q Datasheet HTML 7Page - Texas Instruments LM48100Q Datasheet HTML 8Page - Texas Instruments LM48100Q Datasheet HTML 9Page - Texas Instruments LM48100Q Datasheet HTML 10Page - Texas Instruments LM48100Q Datasheet HTML 11Page - Texas Instruments LM48100Q Datasheet HTML 12Page - Texas Instruments LM48100Q Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
0
0.5
1
1.5
2
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 10%
THD+N = 1%
0
0.5
1
1.5
2
2.5
3
3.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
0
200
400
600
800
1000
1200
1400
0
500
1000
1500
2000
2500
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
0
100
200
300
400
500
600
700
800
0
250
500
750
1000
1250
1500
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
LM48100Q
www.ti.com
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Power Dissipation vs Output Power
Power Dissipation vs Output Power
f = 1kHz, RL = 4Ω
f = 1kHz, RL = 8Ω
Figure 9.
Figure 10.
Output Power vs Supply Voltage
Output Power vs Supply Voltage
f = 1kHz, RL = 4Ω
f = 1kHz, RL = 8Ω
Figure 11.
Figure 12.
PSRR vs Frequency
VDD = 3.6V, VRIPPLE = 200mVP-P, RL = 8Ω
Figure 13.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM48100Q


Số phần tương tự - LM48100Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q-Q1 TI1-LM48100Q-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier
logo
National Semiconductor ...
LM48100QMH NSC-LM48100QMH Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100QMH TI1-LM48100QMH Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier
LM48100QMH/NOPB TI1-LM48100QMH/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier
More results

Mô tả tương tự - LM48100Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
NXP Semiconductors
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Texas Instruments
SNAS470D TI-SNAS470D Datasheet
985Kb / 24P
[Old version datasheet]   Output Fault Detection, I2C Volume and Mode Control, Input Mixer/Multiplexer
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Texas Instruments
LM4936 TI1-LM4936 Datasheet
2Mb / 37P
[Old version datasheet]   Boomer??Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com