công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98555CCMHX bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM98555CCMHX
Giải thích chi tiết về linh kiện  LM98555 CCD Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM98555CCMHX bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM98555CCMHX Datasheet HTML 3Page - Texas Instruments LM98555CCMHX Datasheet HTML 4Page - Texas Instruments LM98555CCMHX Datasheet HTML 5Page - Texas Instruments LM98555CCMHX Datasheet HTML 6Page - Texas Instruments LM98555CCMHX Datasheet HTML 7Page - Texas Instruments LM98555CCMHX Datasheet HTML 8Page - Texas Instruments LM98555CCMHX Datasheet HTML 9Page - Texas Instruments LM98555CCMHX Datasheet HTML 10Page - Texas Instruments LM98555CCMHX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Vias couple thermal energy to internal ground planes and heat spreader pad on bottom
layer to transfer heat away from package.
Vias couple thermal energy to internal ground plane to transfer heat away from package.
3.81 mm
5.81 mm
Vias are 0.3 mm diameter at 1.2 mm pitch.
Recommended via plating of 1 oz copper.
Exposed thermal pad mounting area.
LM98555
www.ti.com
SNAS290D – DECEMBER 2005 – REVISED APRIL 2013
APPLICATION INFORMATION
The LM98555 is a fully integrated clock driver/buffer for high speed CCD applications. It provides high
performance low impedance drivers, with optimized low skew performance of the P1 and P2 outputs. Enable
inputs allow use of two, four, six, or all eight P1 and P2 drivers to optimize the amount of drive for the application.
The 64 pin thermally enhanced HTSSOP provides excellent power handling through the use of an exposed heat
transfer pad on the underside of the package.
THERMAL GUIDELINES
The LM98555's maximum power dissipation limit, shown in Operating Conditions, must be strictly adhered to.
The product's multiple high-strength drivers, with their ability to drive a wide-range of loads, make it possible to
be within spec on each output and yet violate the aggregate maximum power dissipation limit for the total
product. Special caution must be paid to this by limiting the chip's operating conditions (loads, power supply,
number of parallel drivers enabled, frequency of operation) to make certain that the maximum power dissipation
limit is never exceeded.
Thermal characterization of the device has been done to provide reference points under specific conditions.
θ
junction to ambient was measured using a 5.5 inch by 3 inch, 4 layer PCB. The thermal contact pad on the board
was connected using vias to a full ground plane on one of the internal layers. The recommended thermal pad is
shown in Figure 4.
Figure 4. Exposed Pad Land Pattern
The vias shown provide a path for heat to flow from the pad to a heat sinking or dissipating area of the printed
circuit board. The following figures show several typical examples of how this can be done, and illustrate how
heat is conducted away from the IC to larger areas where it is dissipated.
Figure 5. 4 Layer PCB - Example 1
Figure 6. 4 Layer PCB - Example 2
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM98555


Số phần tương tự - LM98555CCMHX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98555CCMHX/NOPB TI1-LM98555CCMHX/NOPB Datasheet
197Kb / 13P
[Old version datasheet]   CCD Driver
More results

Mô tả tương tự - LM98555CCMHX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM98555 NSC-LM98555 Datasheet
688Kb / 9P
   CCD Driver
logo
Texas Instruments
LM98555 TI1-LM98555 Datasheet
197Kb / 13P
[Old version datasheet]   CCD Driver
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
   CCD Clock Driver
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
   CCD VERTICAL DRIVER
AA87223AP AGAMEM-AA87223AP Datasheet
277Kb / 9P
   CCD VERTICAL DRIVER
logo
Sanyo Semicon Device
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
   CCD Clock Driver?
logo
Agamem Microelectronic ...
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
   CCD VERTICAL DRIVER
AA87221 AGAMEM-AA87221 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222 AGAMEM-AA87222 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222AP AGAMEM-AA87222AP Datasheet
160Kb / 9P
   CCD VERTICAL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com