công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ12010 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ12010
Giải thích chi tiết về linh kiện  LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ12010 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMZ12010 Datasheet HTML 2Page - Texas Instruments LMZ12010 Datasheet HTML 3Page - Texas Instruments LMZ12010 Datasheet HTML 4Page - Texas Instruments LMZ12010 Datasheet HTML 5Page - Texas Instruments LMZ12010 Datasheet HTML 6Page - Texas Instruments LMZ12010 Datasheet HTML 7Page - Texas Instruments LMZ12010 Datasheet HTML 8Page - Texas Instruments LMZ12010 Datasheet HTML 9Page - Texas Instruments LMZ12010 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
0
1
2
3
4
5
6
7
8
9
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
2
4
6
8
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
LMZ12010
SNVS667F – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, the following conditions apply: VIN = 12V; CIN = three x 10μF + 47nF X7R Ceramic; COUT = two x
330
μF Specialty Polymer + 47 uF Ceramic + 47nF Ceramic; CFF = 4.7nF; Tambient = 25° C for waveforms. All indicated
temperatures are ambient.
Efficiency 5.0V output @ 25°C
Dissipation 5.0V output @ 25°C
Figure 6.
Figure 7.
Efficiency 3.3V output @ 25°C
Dissipation 3.3V output @ 25°C
Figure 8.
Figure 9.
Efficiency 2.5V output @ 25°C
Dissipation 2.5V output @ 25°C
Figure 10.
Figure 11.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMZ12010


Số phần tương tự - LMZ12010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010TZ NSC-LMZ12010TZ Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12010TZ TI1-LMZ12010TZ Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010TZ/NOPB TI1-LMZ12010TZ/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
More results

Mô tả tương tự - LMZ12010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12003 NSC-LMZ12003_1 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com