công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9-147099-0 bảng dữ liệu(PDF) 10 Page - Tyco Electronics |
|
9-147099-0 bảng dữ liệu(HTML) 10 Page - Tyco Electronics |
10 / 98 page 190 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mod IV Surface Mount Receptacle Assemblies, Double-Row, .100 x .100 [2.54 x 2.54] Centers (Continued) AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Packaged in Tubes Packaged in Tape and Reel No. of Dimensions Contact Plating/Part Nos. Contact Plating/Part Nos. Pos. A BCD Plating A Plating B Plating C Plating A Plating B Plating C 10 .700 [17.78] .400 [10.16] .600 [15.24] See Note 1 5-147102-5 5-147101-5 5-147103-5 5-147747-5 5-147746-5 5-147745-5 14 .900 [22.86] .600 [15.24] .800 [20.32] See Note 1 5-147102-7 5-147101-7 5-147103-7 5-147747-7 5-147746-7 5-147745-7 20 1.200 [30.48] .900 [22.86] 1.100 [27.94] See Note 1 6-147102-0 6-147101-0 6-147103-0 6-147747-0 6-147746-0 6-147745-0 22 1.300 [33.02] 1.000 [25.40] 1.200 [30.48] See Note 1 6-147102-1 6-147101-1 6-147103-1 6-147747-1 6-147746-1 6-147745-1 26 1.500 [38.10] 1.200 [30.48] 1.400 [35.56] See Note 1 6-147102-3 6-147101-3 6-147103-3 6-147747-3 6-147746-3 6-147745-3 30 1.700 [43.18] 1.400 [35.56] 1.600 [40.64] See Note 1 6-147102-5 6-147101-5 6-147103-5 6-147747-5 6-147746-5 6-147745-5 34 1.900 [48.26] 1.600 [40.64] 1.800 [45.72] See Note 1 6-147102-7 6-147101-7 6-147103-7 6-147747-7 6-147746-7 6-147745-7 36 2.000 [50.08] 1.700 [43.18] 1.900 [48.26] See Note 1 6-147102-8 6-147101-8 6-147103-8 6-147747-8 6-147746-8 6-147745-8 40 2.200 [55.88] 1.900 [48.26] 2.100 [53.34] See Note 1 7-147102-0 7-147101-0 7-147103-0 7-147747-0 7-147746-0 7-147745-0 46 2.500 [63.50] 2.200 [55.88] 2.400 [60.96] See Note 1 7-147102-3 7-147101-3 7-147103-3 7-147747-3 7-147746-3 7-147745-3 50 2.700 [68.58] 2.400 [60.96] 2.600 [66.04] See Note 1 7-147102-5 7-147101-5 7-147103-5 7-147747-5 7-147746-5 7-147745-5 62 3.300 [83.82] 3.000 [76.20] 3.200 [81.28] See Note 1 8-147102-1 8-147101-1 8-147103-1 8-147747-1 8-147746-1 8-147745-1 64 3.400 [86.36] 3.100 [78.74] 3.300 [83.82] See Note 1 8-147102-2 8-147101-2 8-147103-2 8-147747-2 8-147746-2 8-147745-2 66 3.500 [88.90] 3.200 [81.28] 3.400 [86.36] See Note 1 8-147102-3 8-147101-3 8-147103-3 8-147747-3 8-147746-3 8-147745-3 70 3.700 [95.98] 3.400 [86.36] 3.600 [91.44] See Note 1 8-147102-5 8-147101-5 8-147103-5 8-147747-5 8-147746-5 8-147745-5 80 4.300 [109.22] 3.900 [99.06] 4.200 [106.68] 2.100 [53.34] 9-147102-0 9-147101-0 9-147103-0 9-147747-0 9-147746-0 9-147745-0 Notes: 1. No center holddown. 2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to the maximum point-of-contact dimension and .062 [1.57] for recommended board thickness in bottom entry applications. |
Số phần tương tự - 9-147099-0 |
|
Mô tả tương tự - 9-147099-0 |