công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OP-16AZ bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
OP-16AZ bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 14 page STANDARD MICROCIRCUIT DRAWING SIZE A 5962-89543 DLA LAND AND MARITIME COLUMBUS, OHIO 43218-3990 REVISION LEVEL C SHEET 3 DSCC FORM 2234 APR 97 1.2.4 Case outlines. The case outlines are as designated in MIL-STD-1835 and as follows: Outline letter Descriptive designator Terminals Package style G MACY1-X8 8 Can P GDIP1-T8 or CDIP2-T8 8 Dual-in-line 1.2.5 Lead finish. The lead finish is as specified in MIL-PRF-38535 for device classes Q and V or MIL-PRF-38535, appendix A for device class M. 1.3 Absolute maximum ratings. 1/ Supply voltage range (VS): Devices 01, 02, and 04: Positive supply voltage (V+)...................................................................... +22 V dc Negative supply voltage (V-) ..................................................................... -22 V dc Device 03: Positive supply voltage (V+)...................................................................... +18 V dc Negative supply voltage (V-) ..................................................................... -18 V dc Differential input voltage: Devices 01, 02, and 04................................................................................. ±40 V dc Device 03 ..................................................................................................... ±30 V dc Input voltage: Devices 01, 02, and 04................................................................................. ±20 V dc Device 03 ..................................................................................................... ±16 V dc Maximum power dissipation (PD)..................................................................... 500 mW 2/ Output short circuit duration ............................................................................. Indefinite Storage temperature range .............................................................................. -65 °C to +150°C Lead temperature (soldering, 60 seconds) ...................................................... +300 °C Junction temperature (TJ) ................................................................................ +150°C Thermal resistance, junction-to-case ( θJC) ...................................................... See MIL-STD-1835 Thermal resistance, junction-to-ambient ( θJA): Case G ......................................................................................................... 150 °C/W Case P.......................................................................................................... 119 °C/W 1.4 Recommended operating conditions. Supply voltage (VS) ......................................................................................... ±15 V Ambient operating temperature (TA)................................................................ -55°C to +125°C 1.5 Radiation features. Maximum total dose available (dose rate = 50 – 300 rads(Si)/s) ............................ 100 krads 3/ 1/ Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the maximum levels may degrade performance and affect reliability. 2/ Derate linearly 6.7 mW/ °C above TA = +75°C for P package; Derate linearly 7.1 mW/°C above TA = +80°C for G package. 3/ These parts may be dose rate sensitive in a space environment and may demonstrate enhanced low dose rate effects. Radiation end point limits for the noted parameters are guaranteed only for the conditions specified in MIL-STD-883, method 1019, condition A. |
Số phần tương tự - OP-16AZ |
|
Mô tả tương tự - OP-16AZ |