công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3-1437285-1 bảng dữ liệu(PDF) 10 Page - Tyco Electronics |
|
3-1437285-1 bảng dữ liệu(HTML) 10 Page - Tyco Electronics |
10 / 41 page Product Specification 108-78140 Rev. A8 10 of 41 No. ITEM MEASUREMENT METHOD PERFORMANCE 7.15 Seal Ability Seal Ability is measured with compressed air fed into the water-proof section of the connector. Before runnig the test, the tip of the wire is soldered and then sealed with adhesives. (Fig.4) Measurement is taken with 9800Pa(gage)(0.1kg/c㎡)compressed air fed into the connector submerged for duration of 30 seconds. If the air does not leak for 30 seconds, the pressure is raised each tine by an increment of 9800Pa(gage)(0.1kg/c㎡). Adhesive Soldering Lead Fig.4 Fig.4 Fig.4 Fig.4 Initial: 98kPa(gage) (1kg/cm 2 )or more After Durability Test: 48kPa(gage) (0.5kg/cm 2 )or more |
Số phần tương tự - 3-1437285-1 |
|
Mô tả tương tự - 3-1437285-1 |