công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3-1437285-1 bảng dữ liệu(PDF) 9 Page - Tyco Electronics |
|
3-1437285-1 bảng dữ liệu(HTML) 9 Page - Tyco Electronics |
9 / 41 page Product Specification 108-78140 Rev. A8 9 of 41 No. ITEM MEASUREMENT METHOD PERFORMANCE 7.9 Contact Solderability Solder bath:Sn-40Pb Solder Temperature:235±5℃ Immersion Duration:5±0.5sec. Flux:Alpha100 AMP Spec. 109-5203 Matte Tin plating only Solder bath:Sn-3Ag-0.5Cu Solder Temperature:250±5℃ Immersion Duration:5±0.5sec. Flux:ULF-300R Wet Solder Coverage: (Plated area only) 95% Min. 7.10 Contact Insertion Characteristic (Between Contact and Housing) Contact crimped on free-length of wire is inserted into the proper location of the plug housing. Holding position of the wire is 20mm apart from the crimp barrel. Insertion speed is 100mm/min. or less. Contact can be inserted without bending of wire. 7.11 Contact Withdrawal Characteristic (Between Contact and Housing) Withdraw the contact inserted under the condition of 6.10. There shall be no detrimental binding, crack and deformation. 7.12 Contact Retention Force (Between Contact and Housing) About 100mm long wire is crimped with the plug housing connector and the receptacle contact is fastened and then the load that causes separation of contact from the housing with the wire pulled toward the axis at a constant speed of approx.100mm/min. is measured. 58.8N(6kgf) or more 7.13 Strength of Crimp Connection (Between Contact and Wire) After the receptacle contact with wire crimped is fastened and then the load that causes wire breakage or separation of the wire from the crimped barrel with the wire pulled toward the axis at a constant speed of approx. 100mm/min. is measured. Wire size 0.5 88.2N (9kgf) or more 0.85 127.4N(13kgf) or more 1.25 176.4N(18kgf) or more 7.14 Housing Retention Force (Housing Locking Strength) After the cap housing is fastened, mated plug housing is pulled at a constant speed of approx. 100mm/min. The lock mechanism shall not get released or broken less than 98N(10kgf). |
Số phần tương tự - 3-1437285-1 |
|
Mô tả tương tự - 3-1437285-1 |