công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD677TD bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện AD677TD
Giải thích chi tiết về linh kiện  MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AD677TD bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AD677TD Datasheet HTML 4Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 5Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 6Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 7Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 8Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 9Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 10Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 11Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95592
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
11
DSCC FORM 2234
APR 97
4.4.3 Group D inspection. The group D inspection end-point electrical parameters shall be as specified in table II herein.
4.4.4 Group E inspection. Group E inspection is required only for parts intended to be marked as radiation hardness assured
(see 3.5 herein).
a.
End-point electrical parameters shall be as specified in table II herein.
b.
For device classes Q and V, the devices or test vehicle shall be subjected to radiation hardness assured tests as
specified in MIL-PRF-38535 for the RHA level being tested. For device class M, the devices shall be subjected to
radiation hardness assured tests as specified in MIL-PRF-38535, appendix A for the RHA level being tested. All device
classes must meet the postirradiation end-point electrical parameter limits as defined in table I at TA = +25°C ±5°C,
after exposure, to the subgroups specified in table II herein.
5. PACKAGING
5.1 Packaging requirements. The requirements for packaging shall be in accordance with MIL-PRF-38535 for device classes
Q and V or MIL-PRF-38535, appendix A for device class M.
6. NOTES
6.1 Intended use. Microcircuits conforming to this drawing are intended for use for Government microcircuit applications
(original equipment), design applications, and logistics purposes.
6.1.1 Replaceability. Microcircuits covered by this drawing will replace the same generic device covered by a contractor
prepared specification or drawing.
6.1.2 Substitutability. Device class Q devices will replace device class M devices.
6.2 Configuration control of SMD's. All proposed changes to existing SMD's will be coordinated with the users of record for
the individual documents. This coordination will be accomplished using DD Form 1692, Engineering Change Proposal.
6.3 Record of users. Military and industrial users should inform DLA Land and Maritime when a system application requires
configuration control and which SMD's are applicable to that system. DLA Land and Maritime will maintain a record of users and
this list will be used for coordination and distribution of changes to the drawings. Users of drawings covering microelectronic
devices (FSC 5962) should contact DLA Land and Maritime -VA, telephone (614) 692-8108.
6.4 Comments. Comments on this drawing should be directed to DLA Land and Maritime -VA, Columbus, Ohio 43218-3990,
or telephone (614) 692-0540.
6.5 Abbreviations, symbols, and definitions. The abbreviations, symbols, and definitions used herein are defined in
MIL-PRF-38535 and MIL-HDBK-1331.
6.6 Sources of supply.
6.6.1 Sources of supply for device classes Q and V. Sources of supply for device classes Q and V are listed in
MIL-HDBK-103 and QML-38535. The vendors listed in MIL-HDBK-103 and QML-38535 have submitted a certificate of
compliance (see 3.6 herein) to DLA Land and Maritime -VA and have agreed to this drawing.
6.6.2 Approved sources of supply for device class M. Approved sources of supply for class M are listed in MIL-HDBK-103.
The vendors listed in MIL-HDBK-103 have agreed to this drawing and a certificate of compliance (see 3.6 herein) has been
submitted to and accepted by DLA Land and Maritime -VA.


Số phần tương tự - AD677TD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AD677TD ETC2-AD677TD Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677TD AD-AD677TD Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
logo
List of Unclassifed Man...
AD677TD883B ETC2-AD677TD883B Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677TD883B AD-AD677TD883B Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
More results

Mô tả tương tự - AD677TD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AD677KNZ ETC2-AD677KNZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677JNZ AD-AD677JNZ Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
logo
List of Unclassifed Man...
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
logo
Analog Devices
5962-91764 AD-5962-91764 Datasheet
180Kb / 15P
   MICROCIRCUIT, DIGITAL-LINEAR, 12-BIT, QUAD
logo
List of Unclassifed Man...
AD7547JRZ ETC-AD7547JRZ Datasheet
134Kb / 12P
   MICROCIRCUIT, LIINEAR, DUAL, CMOS, 12-BIT, D/A CONVERTER, MONOLITHIC SILICON
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Zilog, Inc.
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com