công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9-1393224-0 bảng dữ liệu(PDF) 4 Page - Tyco Electronics |
|
9-1393224-0 bảng dữ liệu(HTML) 4 Page - Tyco Electronics |
4 / 4 page 05-2013, Rev. 0513 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 4 SCHRACK Miniature Power PCB RYII & RYII Reflow Solderable (Continued) General Purpose Relays PCB Relays Product code Version Contacts Contact material Coil Part number RY211005 Pinning 3.2 mm 1 form C, AgNi 0.15 5VDC 4-1393224-2 RY211012 flux proof 1 CO contact 12VDC 4-1393224-6 RY211024 24VDC 4-1393224-9 RY211048 48VDC 5-1393224-1 RY212005 AgNi 0.15 5VDC 5-1393224-2 RY212012 gold plated 12VDC 5-1393224-5 RY212024 24VDC 5-1393224-8 RY212048 48VDC 5-1393224-9 RY213005 AgSnO2 5VDC 6-1393224-0 RY213012 12VDC 6-1393224-1 RY213024 24VDC 6-1393224-2 RY213048 48VDC 6-1393224-3 RY531005 Pinning 5 mm 1 form A, AgNi 0.15 5VDC 7-1393224-6 RY531012 flux proof 1 NO contact 12VDC 7-1393224-9 RY531024 24VDC 8-1393224-2 RY531048 48VDC 8-1393224-3 RY532012 AgNi 0.15 12VDC 8-1393224-4 RY532024 gold plated 24VDC 8-1393224-5 RY533012 AgSnO2 12VDC 8-1393224-8 RY533024 24VDC 8-1393224-9 RY533048 48VDC 9-1393224-0 RY611005 Pinning 3.2 mm 1 form C, AgNi 0.15 5VDC 1-1393225-7 RY611012 wash tight 1 CO contact 12VDC 1-1393225-9 RY611024 24VDC 2-1393225-1 RY611048 48VDC 2-1393225-2 RY612005 AgNi 0.15 5VDC 2-1393225-3 RY612012 gold plated 12VDC 2-1393225-6 RY612024 24VDC 2-1393225-9 RY612048 48VDC 3-1393225-0 RY613005 AgSnO2 5VDC 5-1419136-2 RY613012 12VDC 3-1393225-1 RY613024 24VDC 3-1393225-3 RY613048 48VDC 3-1393225-4 RY631024 1 form A, AgNi 0.15 24VDC 4-1415400-1 RYA31005 Pinning 5 mm 1 NO contact 5VDC 1393224-7 RYA31012 wash tight 12VDC 1393224-9 RYA31024 24VDC 1-1393224-2 RYA31048 48VDC 1-1393224-3 RYA32005 AgNi 0.15 5VDC 1-1393224-4 RYA32012 gold plated 12VDC 1-1393224-6 RYA32024 24VDC 1-1393224-8 RYA33005 AgSnO2 5VDC 1-1393224-9 RYA33024 24VDC 2-1393224-1 Product code Version Contacts Contact material Coil Part number RY211005R pinning 3.2mm 1 form C, AgNi 0.15 5VDC 1-1956170-2 RY211012R flux proof 1 CO contact 12VDC 1-1956170-6 RY211024R reflow solderable 24VDC 1956164-1 RY531005R pinning 5.0mm 1 form A, 5VDC 1-1956171-1 RY531012R flux proof 1 NO contact 12VDC 1-1956171-4 RY531024R reflow solderable 24VDC 1-1956171-7 |
Số phần tương tự - 9-1393224-0 |
|
Mô tả tương tự - 9-1393224-0 |