công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4-1393224-9 bảng dữ liệu(PDF) 3 Page - Tyco Electronics |
|
4-1393224-9 bảng dữ liệu(HTML) 3 Page - Tyco Electronics |
3 / 4 page 05-2013, Rev. 0513 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 3 SCHRACK General Purpose Relays PCB Relays Miniature Power PCB RYII & RYII Reflow Solderable (Continued) Product code structure Typical product code RY 6 1 1 012 Type RY Miniature Power PCB RYII & RYII reflow solderable Version 2 pinning 3.2mm, flux proof 6 pinning 3.2mm, wash tight 2) 5 pinning 5mm, flux proof A pinning 5mm, wash tight 2) Contact arrangement 1 1 form C (1 CO), pinning 3.2mm 3 1 form A (1 NO), pinning 5mm 5 1 form B (1 NC), pinning 5mm Contact material 1 AgNi 0.15 2 AgNi 0.15 gold plated 3 AgSnO2 Coil Coil code: please refer to coil versions table Version Blank Standard version R reflow-solderable 2) not available as reflow-solderable version Soldering profile for reflow-solderable version Reel dimensions Tape dimensions |
Số phần tương tự - 4-1393224-9 |
|
Mô tả tương tự - 4-1393224-9 |