công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4NT91-8 bảng dữ liệu(PDF) 2 Page - Honeywell Solid State Electronics Center

tên linh kiện 4NT91-8
Giải thích chi tiết về linh kiện  Interactive Catalog Supplements Catalog PDFs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

4NT91-8 bảng dữ liệu(HTML) 2 Page - Honeywell Solid State Electronics Center

  4NT91-8 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 4NT91-8 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 4NT91-8 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 4NT91-8 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 4NT91-8 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 4NT91-8 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 4NT91-8 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 4NT91-8 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 4NT91-8 Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Manual Switches
NT Series
Sealed Toggle Switches
108
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
FEATURES
Completely sealed switching
chamber
Step-design case provides added
space between terminals to help
prevent shorting
1, 2 or 4-pole circuitry
Standard and pull to unlock levers.
2 or 3 positions, maintained and
momentary action
Spring-loaded actuating mechanism
provides excellent tactile feedback
High impact strength, non-tracking
case enhances electrical stability
Temperature range: –40 to 71°C
(–40 to 160°F)
UL recognized, File E12252, Vol. 1,
Section 44
CSA certified, File LR4442
CE approved
GENERAL INFORMATION
MICRO SWITCH NT Series toggle switch-
es meet severe environment application
needs for a rugged, cost-effective toggle
switch. Quality construction features in-
clude a molded-in elastomer seal be-
tween the toggle lever and bushing, and
between the cover and case. In addition,
the terminal inserts are molded into the
high impact strength thermoplastic case.
Complete sealing of the switching cham-
ber enables NT toggles to comply with UL
508, paragraph 13.3 hosedown test.
These switches can be used where pan-
els are subjected to periodic splash and
washdowns, such as are common to food
and beverage equipment. They will also
withstand exposure to heavy accumula-
tions of early morning dew that may con-
dense on the control panel in cabs of
vehicles left outdoors overnight.
PULL-TO-UNLOCK LEVERS
Pull-to-unlock toggle levers prevent acci-
dental toggle movement. The knobbed
toggle lever must be pulled out approxi-
mately .09 in. (2,3 mm) to change posi-
tions. Thirteen different locking configu-
rations are available. This lever style also
has a non-glare matte nickel finish.
CONSTRUCTION
UL AND CSA ELECTRICAL RATINGS
Rating Code*
Electrical Rating
L192
10 amps, 125, 250, 277 VAC; 14 Hp, 125 VAC; 12 Hp, 250, 277 VAC; 3 amps,
125 VAC ‘‘L’’
L191
15 amps, 125, 250, 277 VAC; 12 Hp, 125 VAC; 1 Hp, 250, 277 VAC; 5 amps,
125 VAC ‘‘L’’
* Referred to in order guides.
ELECTRICAL RATINGS
In Amperes
115 Volts AC
28 Volts DC
115 VDC 250 VDC
60 & 400 Hz
230 VAC
Elect.
Rating
Code
Ind.
Res.
Lamp
Res.
Res.
Ind.
Res.
Lamp
Res.
1
12
20
5
0.75
0.5
10
15
3
6
2
10
15
4
0.75
0.5
7
15
2
6
3
15
20
7
0.75
0.5
15
15
4
6
4
10
18
5
0.75
0.5
8
11
2
6
5
12
20
5
0.75
0.5
15
15
4
6
6
10
18
4
0.75
0.5
8
11
2
6
Application Note: Honeywell MICRO SWITCH does
not recommend the use of
silver cadmium oxide switch contacts in non-arcing loads. Non-arcing loads are
generally loads less than 12 volts and/or 0.5 amp. NT switches use silver cadmium
oxide contacts. For other options, contact the MICRO SWITCH Application Center at
1-800-537-6945.


Số phần tương tự - 4NT91-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Honeywell Accelerometer...
4NT91-8 HONEYWELL-ACC-4NT91-8 Datasheet
515Kb / 9P
   Sealed Toggle Switches
logo
Honeywell Solid State E...
4NT91-8 HONEYWELL-4NT91-8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
4NT91-8 HONEYWELL-ACC-4NT91-8 Datasheet
515Kb / 9P
   Sealed Toggle Switches
logo
Honeywell Solid State E...
4NT91-8 HONEYWELL-4NT91-8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
4NT91-8 HONEYWELL-ACC-4NT91-8 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
More results

Mô tả tương tự - 4NT91-8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
AML21EBA2AA HONEYWELL-ACC-AML21EBA2AA Datasheet
704Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com