công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML03KPS1PG bảng dữ liệu(PDF) 1 Page - Honeywell Solid State Electronics Center |
|
ML03KPS1PG bảng dữ liệu(HTML) 1 Page - Honeywell Solid State Electronics Center |
1 / 2 page FEATURES BENEFITS HOW TO ORDER APPLICATIONS • DIESEL ENGINES • REFRIGERATION AND HVAC SYSTEMS • HYDRAULIC FLUID PRESSURES • GENERAL INDUSTRIAL PRESSURE • OFF ROAD VEHICLES • High value and outstanding performance • Excellent OEM value • No internal elastomeric seals • Eliminates O-Ring compatability issues • Amplified outputs • Eliminates cost of external amplifiers • Reverse polarity protection • Not damaged by reversed excitation • Less than 500 microseconds response time • Accurate high speed measurements • Designed to meet IP65 standards* • Protected from harsh environments • Exceeds CE Heavy Industrial EMC * With appropriate mating connector, Packard #12065287. MODEL ML • OEM PRESSURE TRANSDUCER The model ML pressure transducer combines the latest in ASIC technology with our proven stainless steel design.This digitally compensated transducer offers an unparalleled value and performance combination making it the ideal pressure sensing solution for demanding automotive and industrial applications. Fully temperature compensated, calibrated, and amplified, the ML is available in 100 to 5000 PSIS pressure ranges. The ML has three standard output options: a 0.50 to 4.50 Vdc ratiometric output from 5 Vdc excitation, a 1.0 to 6.0 Vdc regulated out- put from 7-35 Vdc excitation, and a 4-20 mA current from 9-35 Vdc excitation. The ML transducer delivers ±0.25% full scale accuracy (BFSL) over a wide temperature range of -40 °C to 105 °Candutilizesaprovenindustrystandard connector for high reliability and user flexibility. Note: Not all combinations are available. Minimum quantity orders apply. Contact the factory for more details. Model Range Unit Output Termination Pressure Connection Reference ML 100 P S 1 P G 001 016 100 004 025 160 006 040 250 010 060 350 BAR 15 100 01K 25 200 02K 50 300 03K 500 05K PSI P = PSI B = BAR C = 0.5-4.5 VDC G = 4-20 mA R5 = 1-6 VDC P = Packard 1 = 1/8-27 NPT 2 = 1/4-18 NPT G = Gage (only on < 100 PSI) S = Sealed |
Số phần tương tự - ML03KPS1PG |
|
Mô tả tương tự - ML03KPS1PG |