công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCS04020Z4641ZE0 bảng dữ liệu(PDF) 10 Page - Vishay Siliconix

tên linh kiện MCS04020Z4641ZE0
Giải thích chi tiết về linh kiện  Professional Thin Film Chip Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS04020Z4641ZE0 bảng dữ liệu(HTML) 10 Page - Vishay Siliconix

Back Button MCS04020Z4641ZE0 Datasheet HTML 4Page - Vishay Siliconix MCS04020Z4641ZE0 Datasheet HTML 5Page - Vishay Siliconix MCS04020Z4641ZE0 Datasheet HTML 6Page - Vishay Siliconix MCS04020Z4641ZE0 Datasheet HTML 7Page - Vishay Siliconix MCS04020Z4641ZE0 Datasheet HTML 8Page - Vishay Siliconix MCS04020Z4641ZE0 Datasheet HTML 9Page - Vishay Siliconix MCS04020Z4641ZE0 Datasheet HTML 10Page - Vishay Siliconix MCS04020Z4641ZE0 Datasheet HTML 11Page - Vishay Siliconix MCS04020Z4641ZE0 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
10
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.40
-
Electro static
discharge
(Human Body
Model)
IEC 61340-3-1;
3 pos. + 3 neg.
(equivalent to MIL-STD-883,
method 3015)
MCS 0402: 500 V
MCT 0603: 1000 V
MCU 0805: 1500 V
MCA 1206: 2000 V
±
(0.5 % R + 0.05 )
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance; amplitude
 1.5 mm or  200 m/s2;
7.5 h
± (0.1 % R + 0.01
)
no visible damage
4.17.2
58 (Td)
Solderability
Solder bath method;
SnPb40; non-activated flux;
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
 95 % covered);
no visible damage
Solder bath method;
SnAg3Cu0.5 or SnAg3.5;
non-activated flux;
(235 ± 3) °C; (2 ± 0.2) s
Good tinning (
 95 % covered);
no visible damage
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
±
(0.1 % R + 0.01 )
no visible damage
±
(0.25 % R + 0.05 )
no visible damage
4.29
45 (XA)
Component
solvent
resistance
Isopropyl alcohol + 50 °C;
method 2
No visible damage
4.32
21 (Ue3)
Shear
(adhesion)
RR1005M and RR1608M;
9 N
No visible damage
RR2012M and RR3216M;
45 N
4.33
21 (Ue1)
Substrate
bending
Depth 2 mm, 3 times
±
(0.1 % R + 0.01 )
no visible damage, no open circuit in bent position
4.7
-
Voltage proof
URMS = Uins; (60 ± 5) s
No flashover or breakdown
4.35
-
Flammability
IEC 60695-11-5,
needle flame test; 10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY CLASS 0.5
STABILITY CLASS 1
Stability for product types:
MCS 0402
10
 to 33.2 k
> 33.2 k
to 4.99 M
MCT 0603
10
 to 100 k
1
 to < 10 ;
> 100 k
 to 10 M
MCU 0805
10
 to 221 k
1
 to < 10 ;
> 221 k
 to 10 M
MCA 1206
10
 to 332 k
1
 to < 10 ;
> 332 k
 to 2 M


Số phần tương tự - MCS04020Z4641ZE0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCS04020Z4641Z0 VISHAY-MCS04020Z4641Z0 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020Z4641ZP5 VISHAY-MCS04020Z4641ZP5 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020Z4641ZPWE VISHAY-MCS04020Z4641ZPWE Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results

Mô tả tương tự - MCS04020Z4641ZE0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4993FP500 VISHAY-MCT06030C4993FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C4700FE000 VISHAY-MCS04020C4700FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com