công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCS04020D4641ZE0 bảng dữ liệu(PDF) 8 Page - Vishay Siliconix

tên linh kiện MCS04020D4641ZE0
Giải thích chi tiết về linh kiện  Professional Thin Film Chip Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS04020D4641ZE0 bảng dữ liệu(HTML) 8 Page - Vishay Siliconix

Back Button MCS04020D4641ZE0 Datasheet HTML 4Page - Vishay Siliconix MCS04020D4641ZE0 Datasheet HTML 5Page - Vishay Siliconix MCS04020D4641ZE0 Datasheet HTML 6Page - Vishay Siliconix MCS04020D4641ZE0 Datasheet HTML 7Page - Vishay Siliconix MCS04020D4641ZE0 Datasheet HTML 8Page - Vishay Siliconix MCS04020D4641ZE0 Datasheet HTML 9Page - Vishay Siliconix MCS04020D4641ZE0 Datasheet HTML 10Page - Vishay Siliconix MCS04020D4641ZE0 Datasheet HTML 11Page - Vishay Siliconix MCS04020D4641ZE0 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
8
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, generic specification (includes tests)
EN 140400, sectional specification (includes schedule for
qualification approval)
EN 140401-801, detail specification (includes schedule for
conformance inspection)
The components are approved in accordance with the
European CECC-system, where applicable. The following
table contains only the most important tests. For the full test
schedule refer to the documents listed above. The testing
also covers most of the requirements specified by
EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60068 and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower category temperature, upper
category temperature; damp heat, long term, 56 days) is
valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
The components are mounted for testing on boards in
accordance with EN 60115-1, 4.31 unless otherwise
specified.
The requirements stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-801. However, some
additional tests and a number of improvements against
those minimum requirements have been included.
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY CLASS 0.5
STABILITY CLASS 1
Stability for product types:
MCS 0402
10
 to 33.2 k
> 33.2 k
to 4.99 M
MCT 0603
10
 to 100 k
1
 to < 10 ;
> 100 k
 to 10 M
MCU 0805
10
 to 221 k
1
 to < 10 ;
> 221 k
 to 10 M
MCA 1206
10
 to 332 k
1
 to < 10 ;
> 332 k
 to 2 M
4.5
-
Resistance
-
± 1 % R; ±
0.5 % R
4.8.4.2
-
Temperature
coefficient
At (20/- 55/20) °C and
(20/125/20) °C
± 50 ppm/K; ± 25 ppm/K
4.25.1
-
Endurance
at 70 °C:
Standard
operation mode
U =
or U = Umax.;
whichever is the less
severe;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.25 % R + 0.05
)
70 °C; 8000 h
±
(0.5 % R + 0.05 )
Endurance
at 70 °C:
Power
operation mode
U =
or U = Umax.;
whichever is the less
severe;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.5 % R + 0.05
)
70 °C; 8000 h
±
(1 % R + 0.05 )
4.25.3
-
Endurance at
upper category
temperature
125 °C; 1000 h
±
(0.25 % R + 0.05 )
± (0.5 % R + 0.05
)
155 °C; 1000 h
± (0.5 % R +0.05
)±(1 % R + 0.05 )
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
± (0.5 % R +0.05
)±(1 % R + 0.05 )
P
70 x R
P
70 x R


Số phần tương tự - MCS04020D4641ZE0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCS04020D4641ZE0 VISHAY-MCS04020D4641ZE0 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results

Mô tả tương tự - MCS04020D4641ZE0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4993FP500 VISHAY-MCT06030C4993FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C4700FE000 VISHAY-MCS04020C4700FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com