công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RS02C15R00CS737 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix |
|
RS02C15R00CS737 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix |
1 / 3 page RS, NS www.vishay.com Vishay Dale Revision: 23-May-13 1 Document Number: 30204 For technical questions, contact: ww2aresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead Note * This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details. FEATURES • High temperature coating (> 350 °C) • Complete welded construction • Meets applicable requirements of MIL-PRF-26 • Available in non-inductive styles (type NS) with Ayrton-Perry winding for lowest reactive components • Excellent stability in operation (typical resistance shift < 0.5 %) • MIL-PRF-26 qualified, type RW resistors can be found at: www.vishay.com/doc?30281 • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 Notes • Models not available as lead (Pb)-free: RS01A...300, RS02B...300, RS02C...23, RS005...69, RS005...70, RS010...38, RS010...39 • Shaded area indicates most popular models (1) Vishay Dale RS models have two power ratings depending on operation temperature and stability requirements. Models not available for characteristic V are: RS1/4, RS1/2, RS01A, RS01A…300, RS01M, RS02M, RS02B…300, RS005…69, and RS010…38 Available Available Available Available STANDARD ELECTRICAL SPECIFICATIONS GLOBAL MODEL HIST. MODEL POWER RATING (1) P25 °C W U ± 0.05 % to ± 5 % POWER RATING (1) P25 °C W V ± 3 % to ± 10 % RESISTANCE RANGE RESISTANCE RANGE RESISTANCE RANGE RESISTANCE RANGE RESISTANCE RANGE WEIGHT (typical) g ± 0.05 % ± 0.1 % ± 0.25 % ± 0.5 %, ± 1 % ± 3 %, ± 5 %, ± 10 % RS1/4 RS-1/4 0.4 - 1 to 1K 0.499 to 1K 0.499 to 3.4K 0.1 to 3.4K 0.1 to 3.4K 0.21 RS1/2 RS-1/2 0.75 - 1 to 1.3K 0.499 to 1.3K 0.499 to 4.9K 0.1 to 4.9K 0.1 to 4.9K 0.23 RS01A RS-1A 1.0 - 1 to 2.74K 0.499 to 2.74K 0.499 to 10.4K 0.1 to 10.4K 0.1 to 10.4K 0.34 RS01A...300 RS-1A-300 1.0 - - 0.499 to 2.74K 0.499 to 10.4K 0.1 to 10.4K - 0.34 RS01M RS-1M 1.0 - 1 to 1.32K 0.499 to 1.67K 0.499 to 6.85K 0.1 to 6.85K 0.1 to 6.85K 0.30 RS002 RS-2 4.0 5.5 0.499 to 12.7K 0.499 to 12.7K 0.1 to 47.1K 0.1 to 47.1K 0.1 to 47.1K 2.10 RS02M RS-2M 3.0 - 0.499 to 4.49K 0.499 to 4.49K 0.1 to 18.74K 0.1 to 18.74K 0.1 to 18.74K 0.65 RS02B RS-2B 3.0 3.75 0.499 to 6.5K 0.499 to 6.5K 0.1 to 24.5K 0.1 to 24.5K 0.1 to 24.5K 0.70 RS02B...300 RS-2B-300 3.0 - - 0.499 to 6.5K 0.1 to 24.5K 0.1 to 24.5K - 0.70 RS02C RS-2C 2.5 3.25 0.499 to 8.6K 0.499 to 8.6K 0.1 to 32.3K 0.1 to 32.3K 0.1 to 32.3K 1.6 RS02C...17 RS-2C-17 2.5 3.25 0.499 to 8.6K 0.499 to 8.6K 0.1 to 32.3K 0.1 to 32.3K 0.1 to 32.3K 1.6 RS02C...23 RS-2C-23 - 3.25 - - - - 0.1 to 32.3K 1.6 RS005 RS-5 5.0 6.5 0.499 to 25.7K 0.499 to 25.7K 0.1 to 95.2K 0.1 to 95.2K 0.1 to 95.2K 4.2 RS005...69 RS-5-69 5.0 - - 0.499 to 25.7K 0.1 to 95.2K 0.1 to 95.2K 0.1 to 95.2K 4.2 RS005...70 RS-5-70 - 6.5 - - - - 0.1 to 95.2K 4.2 RS007 RS-7 7.0 9.0 0.499 to 41.4K 0.499 to 41.4K 0.1 to 154K 0.1 to 154K 0.1 to 154K 4.7 RS010 RS-10 10.0 13.0 0.499 to 73.4K 0.499 to 73.4K 0.1 to 273K 0.1 to 273K 0.1 to 273K 9.0 RS010...38 RS-10-38 10.0 - - 0.499 to 73.4K 0.1 to 273K 0.1 to 273K 0.1 to 273K 9.0 RS010...39 RS-10-39 - 13.0 - - - - 0.1 to 273K 9.0 GLOBAL PART NUMBER INFORMATION Global Part Numbering example: RS02C10K00FS7017 GLOBAL MODEL (5 digits) RESISTANCE VALUE (5 digits) TOLERANCE CODE (1 digit) PACKAGING (3 digits) SPECIAL (up to 3 digits) (See Standard Electrical Specifications Global Model column for options) R = Decimal K = Thousand 15R00 = 15 10K00 = 10 k A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % H = 3.0 % J = 5.0 % K = 10.0 % E70 = Lead (Pb)-free, tape/reel (smaller than RS005) E73 = Lead (Pb)-free, tape/reel (RS005 and larger) E12 = Lead (Pb)-free, bulk (Dash Number) From 1 to 999 as applicable S70 = Tin/lead, tape/reel (smaller than RS005) S73 = Tin/lead, tape/reel (RS005 and larger) B12 = Tin/lead, bulk Historical Part Numbering example: RS-2C-17 10 k 1 % S70 RS-2C-17 10 k 1 % S70 HISTORICAL MODEL RESISTANCE VALUE TOLERANCE CODE PACKAGING S0 2 C 1 0 K 0 0 R F S 701 7 |
Số phần tương tự - RS02C15R00CS737 |
|
Mô tả tương tự - RS02C15R00CS737 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |