công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZNUP4114HMR6T1G bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện SZNUP4114HMR6T1G
Giải thích chi tiết về linh kiện  Transient Voltage Suppressors ESD Protection Diodes with Low
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUP4114HMR6T1G bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  SZNUP4114HMR6T1G Datasheet HTML 1Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 2Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 3Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 4Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 5Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 6Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 7Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 8Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NUP4114 Series, SZNUP4114HMR6T1G
http://onsemi.com
5
APPLICATIONS INFORMATION
The new NUP4114 is a low capacitance TVS diode array
designed to protect sensitive electronics such as
communications systems, computers, and computer
peripherals against damage due to ESD events or transient
overvoltage conditions. Because of its low capacitance, it
can be used in high speed I/O data lines. The integrated
design of the NUP4114 offers low capacitance steering
diodes and a TVS diode integrated in a single package
(TSOP−6). If a transient condition occurs, the steering
diodes will drive the transient to the positive rail of the
power supply or to ground. The TVS device protects the
power line against overvoltage conditions to avoid damage
to the power supply and any downstream components.
NUP4114 Configuration Options
The NUP4114 is able to protect up to four data lines
against transient overvoltage conditions by driving them to
a fixed reference point for clamping purposes. The steering
diodes will be forward biased whenever the voltage on the
protected line exceeds the reference voltage (Vf or
VCC + Vf). The diodes will force the transient current to
bypass the sensitive circuit.
Data lines are connected at pins 1, 3, 4 and 6. The negative
reference is connected at pin 2. This pin must be connected
directly to ground by using a ground plane to minimize the
PCB’s ground inductance. It is very important to reduce the
PCB trace lengths as much as possible to minimize parasitic
inductances.
Option 1
Protection of four data lines and the power supply using
VCC as reference.
I/O 1
I/O 2
I/O 3
I/O 4
VCC
6
5
4
1
2
3
For this configuration, connect pin 5 directly to the
positive supply rail (VCC), the data lines are referenced to
the supply voltage. The internal TVS diode prevents
overvoltage on the supply rail. Biasing of the steering diodes
reduces their capacitance.
Option 2
Protection of four data lines with bias and power supply
isolation resistor.
VCC
10 k
I/O 1
I/O 2
I/O 3
I/O 4
6
5
4
1
2
3
The NUP4114 can be isolated from the power supply by
connecting a series resistor between pin 5 and VCC. A 10 kW
resistor is recommended for this application. This will
maintain a bias on the internal TVS and steering diodes,
reducing their capacitance.
Option 3
Protection of four data lines using the internal TVS diode
as reference.
I/O 1
I/O 2
I/O 3
I/O 4
NC
6
5
4
1
2
3
In applications lacking a positive supply reference or
those cases in which a fully isolated power supply is
required, the internal TVS can be used as the reference. For
these applications, pin 5 is not connected. In this
configuration, the steering diodes will conduct whenever the
voltage on the protected line exceeds the working voltage of
the TVS plus one diode drop (VC = Vf + VTVS).
ESD Protection of Power Supply Lines
When using diodes for data line protection, referencing to
a supply rail provides advantages. Biasing the diodes
reduces their capacitance and minimizes signal distortion.


Số phần tương tự - SZNUP4114HMR6T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SZNUP4114HMR6T1G ONSEMI-SZNUP4114HMR6T1G Datasheet
138Kb / 9P
   Transient Voltage Suppressors
September, 2014 ??Rev. 3
More results

Mô tả tương tự - SZNUP4114HMR6T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SRV05-4MR6 ONSEMI-SRV05-4MR6 Datasheet
183Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
logo
Shanghai Shunye Electro...
ESD5Z5V0C SY-ESD5Z5V0C Datasheet
298Kb / 2P
   Transient Voltage Suppressors ESD Protection Diodes
logo
AiT Semiconductor Inc.
ESD8L5.0 AITSEMI-ESD8L5.0 Datasheet
500Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS ESD PROTECTION DIODES WITH ULTRA-LOW CAPACITANCE
REV1.1
logo
Surge Components
SLESD5L5.0CT1G SURGE-SLESD5L5.0CT1G Datasheet
1Mb / 4P
   Transient Voltage Suppressors ESD Protection Diodes with ultra-low capacitance
logo
First Silicon Co., Ltd
FTV3.3LBUL2 FS-FTV3.3LBUL2 Datasheet
484Kb / 4P
   Transient Voltage Suppressors ESD Protection Diodes with Ultra ??Low Capacitance
FTV05LUT FS-FTV05LUT Datasheet
604Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTV3.3LUT FS-FTV3.3LUT Datasheet
605Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTVL3.3UUL2 FS-FTVL3.3UUL2 Datasheet
491Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
logo
ON Semiconductor
ESD5482MUT5G ONSEMI-ESD5482MUT5G Datasheet
121Kb / 5P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
October, 2012 ??Rev. 0
ESD5484FCT5G ONSEMI-ESD5484FCT5G Datasheet
132Kb / 6P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
June, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com